Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCS4N65VE Datasheet(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS4N65VE
Description  Electronic ballast
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS4N65VE Datasheet(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS4N65VE Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65VE Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65VE Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65VE Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65VE Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65VE Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65VE Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65VE Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65VE Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
R
JCS4N65E
版本:201607C
4/13
电特性 ELECTRICAL CHARACTERISTICS
开关特性 Switching Characteristics
延迟时间 Turn-On delay time
td(on)
VDD=325V,ID=4.0A,RG=25Ω
(note 4,5)
-
21
58
ns
上升时间 Turn-On rise time
tr
-
18
52
ns
延迟时间 Turn-Off delay time
td(off)
-
36
90
ns
下降时间 Turn-Off Fall time
tf
-
16
50
ns
栅极电荷总量 Total Gate Charge
Qg
VDS =520V ,
ID=4.0A
VGS =10V
(note 4,5)
-
11.9
20
nC
栅-源电荷 Gate-Source charge
Qgs
-
3.0
-
nC
栅-漏电荷 Gate-Drain charge
Qgd
-
5.2
-
nC
漏-源二极管特性及最大额定值 Drain-Source Diode Characteristics and Maximum Ratings
正向最大连续电流
Maximum Continuous Drain
-Source Diode Forward Current
IS
-
-
4
A
正向最大脉冲电流
Maximum Pulsed Drain-Source
Diode Forward Current
ISM
-
-
16
A
正向压降
Drain-Source Diode Forward
Voltage
VSD
VGS=0V,
IS=4.0A
-
-
1.4
V
反向恢复时间
Reverse recovery time
trr
VGS=0V, IS=4.0A
dIF/dt=100A/μs
(note 4)
-
288
-
ns
反向恢复电荷
Reverse recovery charge
Qrr
-
1.33
-
μC
热特性 THERMAL CHARACTERISTIC
Parameter
Symbol
最大 Max
单位
Unit
JCS4N65FE
(TO-220MF-K1/K2)
JCS4N65RE/VE
结到管壳的热阻
Thermal Resistance, Junction to Case
Rth(j-c)
3.12
0.71
℃/W
结到环境的热阻
Thermal Resistance, Junction to Ambient
Rth(j-A)
46.52
72.27
℃/W
注释:
1:脉冲宽度由最高结温限制
2:L=46mH, IAS=4.0A, VDD=50V,
RG=25 Ω,起始结
温 TJ=25℃
3:ISD ≤4.0A,di/dt ≤200A/μs,VDD≤BVDSS,起始结温
TJ=25℃
4:脉冲测试:脉冲宽度
≤300μs,占空比≤2%
5:基本与工作温度无关
Notes:
1:Pulse width limited by maximum junction
temperature
2 : L=46mH, IAS=4.0A, VDD=50V, RG=25 Ω,Starting
TJ=25℃
3 : ISD ≤4.0A,di/dt ≤200A/μs,VDD≤BVDSS, Starting
TJ=25℃
4:Pulse Test:
Pulse Width ≤300μs,Duty Cycle≤2%
5:Essentially independent of operating temperature


Similar Part No. - JCS4N65VE

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS4N65VE-O-I-N-B JSMC-JCS4N65VE-O-I-N-B Datasheet
996Kb / 16P
LED power supply
JCS4N65VE-R-I-N-B JSMC-JCS4N65VE-R-I-N-B Datasheet
996Kb / 16P
LED power supply
JCS4N65VE-R-VN2-N-B JSMC-JCS4N65VE-R-VN2-N-B Datasheet
996Kb / 16P
LED power supply
JCS4N65VEI-O-I-N-B JSMC-JCS4N65VEI-O-I-N-B Datasheet
730Kb / 11P
LED power supply
JCS4N65VEI-R-I-N-B JSMC-JCS4N65VEI-R-I-N-B Datasheet
730Kb / 11P
LED power supply
More results

Similar Description - JCS4N65VE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5565 PHILIPS-NE5565 Datasheet
73Kb / 6P
Electronic ballast controller circuit
1996 May 21
logo
Micro Linear Corporatio...
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
Electronic Ballast Controller
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
Electronic Ballast Controller
ML4832 MICRO-LINEAR-ML4832 Datasheet
285Kb / 15P
Electronic Dimming Ballast Controller
ML4833 MICRO-LINEAR-ML4833 Datasheet
270Kb / 13P
Electronic Dimming Ballast Controller
logo
JILIN SINO-MICROELECTRO...
JCS5N65FB JSMC-JCS5N65FB Datasheet
612Kb / 9P
Electronic ballast
JCS6N70BC JSMC-JCS6N70BC Datasheet
2Mb / 21P
Electronic ballast
JCS6N70C JSMC-JCS6N70C Datasheet
1Mb / 16P
Electronic ballast
JCS6N70CC JSMC-JCS6N70CC Datasheet
2Mb / 21P
Electronic ballast
JCS7N80H JSMC-JCS7N80H Datasheet
961Kb / 9P
Electronic ballast
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com