Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB16CKW01-5C-CB Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # HB16CKW01-5C-CB
Description  General Specifications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

HB16CKW01-5C-CB Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  HB16CKW01-5C-CB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. HB16CKW01-5C-CB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. HB16CKW01-5C-CB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. HB16CKW01-5C-CB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. HB16CKW01-5C-CB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. HB16CKW01-5C-CB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Series HB
Subminiature Pushbuttons
D16
D
www.nkkswitches.com
Material: Polycarbonate
Finish: Glossy
JB
CAP TYPES & COLORS
LED COLORS & SPECIFICATIONS
The electrical specifications shown are determined at a basic temperature of 25°C.
LED circuit is isolated and requires external power source. Single element LED is colored in OFF state.
If the source voltage exceeds the rated voltage, a ballast resistor is required.
The resistor value can be calculated by using the formula in the Supplement section.
Cap Colors Available:
AT4052
Spot Illuminated
Clear Lens/
White Diffuser
Material: Polycarbonate
Finish: Glossy
Lens/Diffuser
Colors Available:
CB Red/White
White Cap for Bright & Super Bright LEDs
AB
Colored Cap for Bright LEDs
Black Cap with Translucent
White Window for LED Display
(7.4) Sq
.291
(4.6)
.181
(4.8)
.189
(3.0)
.118
(1.2)
.047
(1.8)
.071
FB
Green/White
DB Amber/White
(4.8)
.189
(4.5)
.177
(7.4) Sq
.291
(4.8)
.189
(4.5)
.177
(7.4) Dia
.291
Transparent Colored
Lens
Translucent
White Diffuser
Colored LED
AT633
Transparent Clear
Lens
Translucent
White Diffuser
Colored LEDs
AT624, AT629,
AT630, or AT633
(4.8)
.189
(4.5)
.177
(7.4) Sq
.291
(4.8)
.189
(4.5)
.177
(7.4) Dia
.291
Bright
Super Bright
Color
Red
Amber Green White Green
Blue
Unit
Maximum Forward Current
I
FM
30
30
30
30
30
30
mA
Typical Forward Current
I
F
20
20
20
20
20
20
mA
Forward Voltage
V
F
1.95
2.0
2.1
3.3
3.3
3.3
V
Maximum Reverse Voltage
V
RM
5
5
5
7
7
7
V
Current Reduction Rate Above 25°C
∆I
F
0.42
0.42
0.42
0.40
0.40
0.40 mA/°C
Ambient Temperature Range
–25° ~ +50°C
–25° ~ +50°C
5C
5D
5F
6F
6G
Note for Super Bright:
(+)
(-)
6B
Bright
AT633
Super Bright
AT624G
Blue
AT629B
White
AT630F
Green
T-1 Bi-pin
ATTENTION
ELECTROSTATIC
SENSITIVE DEVICES
Square only
Material: Polycarbonate
Finish: Matte
AT4031
Square
AT4032
Round
A
B
E
F
Cap Colors Available:
Nonilluminated Caps
C
G
Material: Polycarbonate
Finish: Glossy
AT4166
Square
AT4167
Round
Color Codes:
A Black
B White
C Red
D Amber
E Yellow
F Green
G Blue
J Clear
(4.5)
.177
(4.8)
.189
(7.4) Sq
.291
(4.8)
.189
(4.5)
.177
(7.4) Dia
.291
Black
(Square Only)
White
Yellow
Red
AT4035
Square
AT4036
Round
Blue
Green
No Code
No Lamp


Similar Part No. - HB16CKW01-5C-CB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
HB16CKW01-5C-CB NKK-HB16CKW01-5C-CB Datasheet
182Kb / 6P
   Subminiature Pushbuttons
logo
GREATECS
HB16CKW01-5C-CB GREATECS-HB16CKW01-5C-CB Datasheet
150Kb / 2P
   Illuminated Subminiature Pushbutton Switches
logo
Nihon Kaiheiki Industry...
HB16CKW01-5C-CB NKK-HB16CKW01-5C-CB Datasheet
163Kb / 6P
   Subminiature Pushbuttons
logo
List of Unclassifed Man...
HB16CKW01-5C-CB ETC2-HB16CKW01-5C-CB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
More results

Similar Description - HB16CKW01-5C-CB

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com