Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB16CKW01-5C-CB Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # HB16CKW01-5C-CB
Description  General Specifications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

HB16CKW01-5C-CB Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  HB16CKW01-5C-CB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. HB16CKW01-5C-CB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. HB16CKW01-5C-CB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. HB16CKW01-5C-CB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. HB16CKW01-5C-CB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. HB16CKW01-5C-CB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Series HB
Subminiature Pushbuttons
D14
D
www.nkkswitches.com
Housing
K Black only
Shapes
S
Square
C Round
Pole
1
SPDT
LEDs
TYPICAL SWITCH ORDERING EXAMPLE
1
S
K
W01
6G
HB
Blue, Super Bright LED
JB
Circuits
5
ON
(ON)
( ) = Momentary
6
ON
ON
Alternate Action
with Latchdown
Contacts & Terminals
W01
Silver Contacts and
Solder Lug Terminals
0.1A @ 30V AC/DC
Super Bright
6B
White
6F
Green
6G
Blue
Bright
5C
Red
5D
Amber
5F
Green
5
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
HB15SKW01-6G-JB
LED Cap: Lens/Diffuser Color
JB Clear/White
LED Cap: Lens/Diffuser Color
AB Black Cap/White Window for
Spot Illuminated (Square only)
CB Red/White
DB Amber/White
FB Green/White
JB Clear/White
Cap Types & Colors
Nonilluminated
No
Code Nonilluminated
Nonilluminated Cap Colors
A
Black (Square Only)
B
White
C
Red
E
Yellow
F
Green
G
Blue
Black Housing
SPDT
ON-(ON) Circuit
White Cap
Square Shape
Silver Contacts &
Solder Lug Terminals;
rated 0.1A @ 30V AC/DC
IMPORTANT:
Switches are supplied without UL & cULus marking
unless specified. UL & cULus recognized only when
ordered with marking on the switch. Specific models,
ratings, & ordering instructions are noted on the
General Specifications page.


Similar Part No. - HB16CKW01-5C-CB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
HB16CKW01-5C-CB NKK-HB16CKW01-5C-CB Datasheet
182Kb / 6P
   Subminiature Pushbuttons
logo
GREATECS
HB16CKW01-5C-CB GREATECS-HB16CKW01-5C-CB Datasheet
150Kb / 2P
   Illuminated Subminiature Pushbutton Switches
logo
Nihon Kaiheiki Industry...
HB16CKW01-5C-CB NKK-HB16CKW01-5C-CB Datasheet
163Kb / 6P
   Subminiature Pushbuttons
logo
List of Unclassifed Man...
HB16CKW01-5C-CB ETC2-HB16CKW01-5C-CB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
More results

Similar Description - HB16CKW01-5C-CB

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com