Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCP-18D13O-S Datasheet(PDF) 8 Page - Willow Technologies Ltd

Part # CCP-18D13O-S
Description  Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

CCP-18D13O-S Datasheet(HTML) 8 Page - Willow Technologies Ltd

  CCP-18D13O-S Datasheet HTML 1Page - Willow Technologies Ltd CCP-18D13O-S Datasheet HTML 2Page - Willow Technologies Ltd CCP-18D13O-S Datasheet HTML 3Page - Willow Technologies Ltd CCP-18D13O-S Datasheet HTML 4Page - Willow Technologies Ltd CCP-18D13O-S Datasheet HTML 5Page - Willow Technologies Ltd CCP-18D13O-S Datasheet HTML 6Page - Willow Technologies Ltd CCP-18D13O-S Datasheet HTML 7Page - Willow Technologies Ltd CCP-18D13O-S Datasheet HTML 8Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CCP-18D Page 8
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCP-18\072013\Q3
Series CCP-18D
Low PIM Multi-Throw DC–3 GHz
Normally Open Coaxial Switch
COAX SWITCHES
NORMALLY OPEN CCP-18D PART NUMBER LIST
* X = 1 (28Vdc), 2 (15Vdc), 3 (12Vdc) and 4 (24Vdc)
PART NO.PART NO.
1
CCP-18DX3C
43
CCP-18DX40
2
CCP-18DX3C-D
44
CCP-18DX40-D
3
CCP-18DX3C-DM
45
CCP-18DX40-DM
4
CCP-18DX3C-M
46
CCP-18DX40-M
5
CCP-18DX3C-MS
47
CCP-18DX40-MS
6
CCP-18DX3C-S
48
CCP-18DX40-S
7
CCP-18DX3C-T
49
CCP-18DX40-T
8
CCP-18DX3C-TD
50
CCP-18DX40-TD
9
CCP-18DX3C-TDM
51
CCP-18DX40-TDM
10
CCP-18DX3C-TDMS
52
CCP-18DX40-TDMS
11
CCP-18DX3C-TDS
53
CCP-18DX40-TDS
12
CCP-18DX3C-TM
54
CCP-18DX40-TM
13
CCP-18DX3C-TMS
55
CCP-18DX40-TMS
14
CCP-18DX3C-TS
56
CCP-18DX40-TS
15
CCP-18DX30
16
CCP-18DX30-D
17
CCP-18DX30-DM
18
CCP-18DX30-M
19
CCP-18DX30-MS
20
CCP-18DX30-S
21
CCP-18DX30-T
22
CCP-18DX30-TD
23
CCP-18DX30-TDM
24
CCP-18DX30-TDMS
25
CCP-18DX30-TDS
26
CCP-18DX30-TM
27
CCP-18DX30-TMS
28
CCP-18DX30-TS
29
CCP-18DX4C
30
CCP-18DX4C-D
31
CCP-18DX4C-DM
32
CCP-18DX4C-M
33
CCP-18DX4C-MS
34
CCP-18DX4C-S
35
CCP-18DX4C-T
36
CCP-18DX4C-TD
37
CCP-18DX4C-TDM
38
CCP-18DX4C-TDMS
39
CCP-18DX4C-TDS
40
CCP-18DX4C-TM
41
CCP-18DX4C-TMS
42
CCP-18DX4C-TS


Similar Part No. - CCP-18D13O-S

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-18D TELEDYNE-CCP-18D Datasheet
512Kb / 8P
   Normally Open Coaxial Switch
CCP-18DX30 TELEDYNE-CCP-18DX30 Datasheet
512Kb / 8P
   Normally Open Coaxial Switch
CCP-18DX30-D TELEDYNE-CCP-18DX30-D Datasheet
512Kb / 8P
   Normally Open Coaxial Switch
CCP-18DX30-DM TELEDYNE-CCP-18DX30-DM Datasheet
512Kb / 8P
   Normally Open Coaxial Switch
CCP-18DX30-M TELEDYNE-CCP-18DX30-M Datasheet
512Kb / 8P
   Normally Open Coaxial Switch
More results

Similar Description - CCP-18D13O-S

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CCP-38S WILLOW-CCP-38S Datasheet
591Kb / 10P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-18N WILLOW-CCP-18N Datasheet
591Kb / 10P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-37S WILLOW-CCP-37S Datasheet
377Kb / 6P
   Commercial Latching TRANSFER, DC-3GHz, Low PIM
CCP-33D WILLOW-CCP-33D Datasheet
406Kb / 6P
   Commercial Failsafe SPDT, DC-3GHz, Low PIM
CCP-47D WILLOW-CCP-47D Datasheet
405Kb / 6P
   Commercial Failsafe TRANSFER, DC-3GHz, Low PIM
logo
Teledyne Technologies I...
CT-48K TELEDYNE-CT-48K Datasheet
866Kb / 10P
   Internal 50Ω Termination DC-40 GHz Normally Open Multi-Throw Coaxial Switch
04/2019
logo
Willow Technologies Ltd
CCR-39S WILLOW-CCR-39S Datasheet
780Kb / 10P
   Commercial Latching Multi-throw, DC-12GHz
logo
Nihon Inter Electronics...
D2N130CD NIEC-D2N130CD Datasheet
171Kb / 3P
   Single Pole, Single Throw Normally Open
D2N140CD NIEC-D2N140CD Datasheet
171Kb / 3P
   Single Pole, Single Throw Normally Open
logo
ISOCOM COMPONENTS
ISP06 ISOCOM-ISP06 Datasheet
982Kb / 12P
   Normally Open Single Pole Single Throw Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com