Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCP-18D13O-T Datasheet(PDF) 3 Page - Willow Technologies Ltd

Part # CCP-18D13O-T
Description  Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

CCP-18D13O-T Datasheet(HTML) 3 Page - Willow Technologies Ltd

  CCP-18D13O-T Datasheet HTML 1Page - Willow Technologies Ltd CCP-18D13O-T Datasheet HTML 2Page - Willow Technologies Ltd CCP-18D13O-T Datasheet HTML 3Page - Willow Technologies Ltd CCP-18D13O-T Datasheet HTML 4Page - Willow Technologies Ltd CCP-18D13O-T Datasheet HTML 5Page - Willow Technologies Ltd CCP-18D13O-T Datasheet HTML 6Page - Willow Technologies Ltd CCP-18D13O-T Datasheet HTML 7Page - Willow Technologies Ltd CCP-18D13O-T Datasheet HTML 8Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCP-18 Page 3
CCP-18\072013\Q3
Series CCP-18D
Low PIM Multi-Throw DC–3 GHz
Normally Open Coaxial Switch
COAX SWITCHES
1
9
15-PIN D-SUB CONNECTOR
CONNECTOR PINOUT FOR NORMALLY OPEN SP3T MULTI-THROW SWITCHES
EXAMPLE
CCP-18D130-S
CCP-18D13C-S
CCP-18D130-TS
CCP-18D13C-TS
CCP-18D130-TDS
CCP-18D13C-TDS
INDICATOR
YES
YES
YES
TTL
YES
YES
DECODERS & TTL
YES
YES
PIN NO.
9-PIN
9-PIN
9-PIN
9-PIN
9-PIN
9-PIN
1PORT 1PORT 1PORT 1PORT 1LOGIC 1LOGIC 1
2PORT 2PORT 2PORT 2PORT 2LOGIC 2LOGIC 2
3PORT 3PORT 3PORT 3PORT 3
4E INDICATOR
E INDICATOR
E INDICATOR
5F INDICATOR
F INDICATOR
F INDICATOR
6G INDICATOR
G INDICATOR
G INDICATOR
7COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
8VSW
VSW
VSW
VSW
9D INDICATOR (COM)
D INDICATOR (COM)
D INDICATOR (COM)
CONNECTOR PINOUT FOR NORMALLY OPEN SP4T MULTI-THROW SWITCHES
EXAMPLE
CCP-18D140-S
CCP-18D14C-S
CCP-18D140-TS
CCP-18D14C-TS
CCP-18D140-TDS
CCP-18D14C-TDS
INDICATOR
YES
YES
YES
TTL
YES
YES
DECODERS & TTL
YES
YES
PIN NO.
9-PIN
15-PIN
9-PIN
15-PIN
9-PIN
15-PIN
1PORT 1PORT 1
TTL 1
TTL 1
LOGIC 1LOGIC 1
2PORT 2PORT 2
TTL 2
TTL 2
LOGIC 2LOGIC 2
3PORT 3PORT 3
TTL 3
TTL 3
LOGIC 3LOGIC 3
4PORT 4PORT 4
TTL 4
TTL 4
5
6
7COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
8VSW
VSW
VSW
VSW
9D INDICATOR (COM)
D INDICATOR (COM)
D INDICATOR (COM)
10
N
/A
E INDICATOR
N
/A
E INDICATOR
N
/A
E INDICATOR
11
F INDICATOR
F INDICATOR
F INDICATOR
12
G INDICATOR
G INDICATOR
G INDICATOR
13
H INDICATOR
H INDICATOR
H INDICATOR
14
15


Similar Part No. - CCP-18D13O-T

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-18D TELEDYNE-CCP-18D Datasheet
512Kb / 8P
Normally Open Coaxial Switch
CCP-18DX30 TELEDYNE-CCP-18DX30 Datasheet
512Kb / 8P
Normally Open Coaxial Switch
CCP-18DX30-D TELEDYNE-CCP-18DX30-D Datasheet
512Kb / 8P
Normally Open Coaxial Switch
CCP-18DX30-DM TELEDYNE-CCP-18DX30-DM Datasheet
512Kb / 8P
Normally Open Coaxial Switch
CCP-18DX30-M TELEDYNE-CCP-18DX30-M Datasheet
512Kb / 8P
Normally Open Coaxial Switch
More results

Similar Description - CCP-18D13O-T

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
D2N130CD NIEC-D2N130CD Datasheet
171Kb / 3P
Single Pole, Single Throw Normally Open
D2N140CD NIEC-D2N140CD Datasheet
171Kb / 3P
Single Pole, Single Throw Normally Open
logo
ISOCOM COMPONENTS
ISP06 ISOCOM-ISP06 Datasheet
982Kb / 12P
Normally Open Single Pole Single Throw Relay
logo
Willow Technologies Ltd
CCP-18N WILLOW-CCP-18N Datasheet
591Kb / 10P
Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCR-39S WILLOW-CCR-39S Datasheet
780Kb / 10P
Commercial Latching Multi-throw, DC-12GHz
CCP-37S WILLOW-CCP-37S Datasheet
377Kb / 6P
Commercial Latching TRANSFER, DC-3GHz, Low PIM
CCP-38S WILLOW-CCP-38S Datasheet
591Kb / 10P
Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-47D WILLOW-CCP-47D Datasheet
405Kb / 6P
Commercial Failsafe TRANSFER, DC-3GHz, Low PIM
CCP-33D WILLOW-CCP-33D Datasheet
406Kb / 6P
Commercial Failsafe SPDT, DC-3GHz, Low PIM
logo
Teledyne Technologies I...
CT-48K TELEDYNE-CT-48K Datasheet
866Kb / 10P
Internal 50Ω Termination DC-40 GHz Normally Open Multi-Throw Coaxial Switch
04/2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com