Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCP-18D13O-T Datasheet(PDF) 7 Page - Willow Technologies Ltd

Part # CCP-18D13O-T
Description  Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

CCP-18D13O-T Datasheet(HTML) 7 Page - Willow Technologies Ltd

  CCP-18D13O-T Datasheet HTML 1Page - Willow Technologies Ltd CCP-18D13O-T Datasheet HTML 2Page - Willow Technologies Ltd CCP-18D13O-T Datasheet HTML 3Page - Willow Technologies Ltd CCP-18D13O-T Datasheet HTML 4Page - Willow Technologies Ltd CCP-18D13O-T Datasheet HTML 5Page - Willow Technologies Ltd CCP-18D13O-T Datasheet HTML 6Page - Willow Technologies Ltd CCP-18D13O-T Datasheet HTML 7Page - Willow Technologies Ltd CCP-18D13O-T Datasheet HTML 8Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCP-18 Page 7
CCP-18\072013\Q3
Series CCP-18D
Low PIM Multi-Throw DC–3 GHz
Normally Open Coaxial Switch
COAX SWITCHES
Actuator
An actuator is the electromechanical mechanism that
transfers the RF contacts from one position to another upon
DC command.
Arc Suppression Diode
A diode is connected in parallel with the coil. This diode
limits the “reverse EMF spike” generated when the coil de-
energizes to 0.7 volts. The diode cathode is connected to
the positive side of the coil and the anode is connected to
the negative side.
Date Code
All switches are marked with either a unique serial number
or a date code. Date codes are in accordance with MIL-
STD-1285 Paragraph 5.2.5 and consist of four digits.
The first two digits define the year and the last two digits
define the week of the year (YYWW). Thus, 1032 identifies
switches that passed through final inspection during the
32nd week of 2010.
Indicator
Indicators tell the system which position the switch is in.
Other names for indicators are telemetry contacts or tellback
circuit. Indicators are usually a set of internally mounted DC
contacts linked to the actuator. They can be wired to digital
input lines, status lights, or interlocks. Unless otherwise
specified, the maximum indicator contact rating is 30 Vdc,
50 mA, or 1.5 Watts into a resistive load.
Isolation
Isolation is the measure of the power level at the output
connector of an unconnected RF channel as referenced to
the power at the input connector. It is specified in dB below
the input power level.
Multi-Throw Switch
A multi-throw switch is a switch with one input and three
or more output ports. The CCP-18 can switch a microwave
signal to any of 2,3,4,5 or 6 output from a single common
input.
Switching Time
Switching time is the total interval beginning with the arrival
of the leading edge of the command pulse at the switch DC
input and ending with the completion of the switch transfer,
including contact bounce. It consists of three parts: (1)
inductive delay in the coil, (2) transfer time of the physical
movement of the contacts, and (3) the bounce time of the
RF contacts.
TTL Switch Driver Option
As a special option, switch drivers can be provided for both
failsafe and latching switches, which are compatible with
industry-standard low-power Schottky TTL circuits.
TD-Option
This option includes a decoder. The 3-bit parallel command
is decoded to internally select the appropriate position. See
the logic tables. The TD-Option increases the Vsw supply
current demand by 50mA max at 28Vdc and +20°C.
Performance Parameters vs Frequency
Generally speaking, the RF performance of coaxial switches
is frequency dependent. With increasing frequency, VSWR
and insertion loss increase while isolation decreases. All
data sheets specify these three parameters as “worst case”
at the highest operating frequency. If the switch is to be
used over a narrow frequency band, better performance
can be achieved.
Actuator Current vs Temperature
The resistance of the actuator coil varies as a function of
temperature. There is an inverse relationship between the
operating temperature of the switch and the actuator drive
current. For switches operating at 28 VDC, the approximate
actuator drive current at temperature, T, can be calculated
using the equation:
Magnetic Sensitivity
An electro-mechanical switch can be sensitive to ferrous
materials and external magnetic fields. Neighboring ferrous
materials should be permitted no closer than 0.5 inches and
adjacent external magnetic fields should be limited to a flux
density of less than 5 Gauss.
GLOSSARY
I
A
[1 + .00385 (T-20)]
Where:
I
T
= Actuator current at temperature, T
I
A
= Room temperature actuator current –
see data sheet
T = Temperature of interest in °C
I
T
=


Similar Part No. - CCP-18D13O-T

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-18D TELEDYNE-CCP-18D Datasheet
512Kb / 8P
Normally Open Coaxial Switch
CCP-18DX30 TELEDYNE-CCP-18DX30 Datasheet
512Kb / 8P
Normally Open Coaxial Switch
CCP-18DX30-D TELEDYNE-CCP-18DX30-D Datasheet
512Kb / 8P
Normally Open Coaxial Switch
CCP-18DX30-DM TELEDYNE-CCP-18DX30-DM Datasheet
512Kb / 8P
Normally Open Coaxial Switch
CCP-18DX30-M TELEDYNE-CCP-18DX30-M Datasheet
512Kb / 8P
Normally Open Coaxial Switch
More results

Similar Description - CCP-18D13O-T

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
D2N130CD NIEC-D2N130CD Datasheet
171Kb / 3P
Single Pole, Single Throw Normally Open
D2N140CD NIEC-D2N140CD Datasheet
171Kb / 3P
Single Pole, Single Throw Normally Open
logo
ISOCOM COMPONENTS
ISP06 ISOCOM-ISP06 Datasheet
982Kb / 12P
Normally Open Single Pole Single Throw Relay
logo
Willow Technologies Ltd
CCP-18N WILLOW-CCP-18N Datasheet
591Kb / 10P
Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCR-39S WILLOW-CCR-39S Datasheet
780Kb / 10P
Commercial Latching Multi-throw, DC-12GHz
CCP-37S WILLOW-CCP-37S Datasheet
377Kb / 6P
Commercial Latching TRANSFER, DC-3GHz, Low PIM
CCP-38S WILLOW-CCP-38S Datasheet
591Kb / 10P
Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-47D WILLOW-CCP-47D Datasheet
405Kb / 6P
Commercial Failsafe TRANSFER, DC-3GHz, Low PIM
CCP-33D WILLOW-CCP-33D Datasheet
406Kb / 6P
Commercial Failsafe SPDT, DC-3GHz, Low PIM
logo
Teledyne Technologies I...
CT-48K TELEDYNE-CT-48K Datasheet
866Kb / 10P
Internal 50Ω Termination DC-40 GHz Normally Open Multi-Throw Coaxial Switch
04/2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com