Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCP-18D13O-T Datasheet(PDF) 6 Page - Willow Technologies Ltd

Part # CCP-18D13O-T
Description  Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

CCP-18D13O-T Datasheet(HTML) 6 Page - Willow Technologies Ltd

  CCP-18D13O-T Datasheet HTML 1Page - Willow Technologies Ltd CCP-18D13O-T Datasheet HTML 2Page - Willow Technologies Ltd CCP-18D13O-T Datasheet HTML 3Page - Willow Technologies Ltd CCP-18D13O-T Datasheet HTML 4Page - Willow Technologies Ltd CCP-18D13O-T Datasheet HTML 5Page - Willow Technologies Ltd CCP-18D13O-T Datasheet HTML 6Page - Willow Technologies Ltd CCP-18D13O-T Datasheet HTML 7Page - Willow Technologies Ltd CCP-18D13O-T Datasheet HTML 8Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CCP-18D Page 6
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCP-18\072013\Q3
Series CCP-18D
Low PIM Multi-Throw DC–3 GHz
Normally Open Coaxial Switch
COAX SWITCHES
Power Handling vs. Frequency
Estimates based on the following reference conditions:
• Ambient temperature of 40°C or less
• Sea level operation
• Load VSWR of 1.20:1 maximum
• No high-power (hot) switching
Please contact Teledyne Coax Switches for derating factors when applications do not meet the foregoing reference conditions.
TYPICAL POWER PERFORMANCE CURVE
3000
Frequency GHz
2000
1000
800
600
400
300
200
100
80
60
40
30
20
10
.1
.2
.3 .4
.6 .8 1
2
7/16
DIN
Connector
Switch
3


Similar Part No. - CCP-18D13O-T

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-18D TELEDYNE-CCP-18D Datasheet
512Kb / 8P
Normally Open Coaxial Switch
CCP-18DX30 TELEDYNE-CCP-18DX30 Datasheet
512Kb / 8P
Normally Open Coaxial Switch
CCP-18DX30-D TELEDYNE-CCP-18DX30-D Datasheet
512Kb / 8P
Normally Open Coaxial Switch
CCP-18DX30-DM TELEDYNE-CCP-18DX30-DM Datasheet
512Kb / 8P
Normally Open Coaxial Switch
CCP-18DX30-M TELEDYNE-CCP-18DX30-M Datasheet
512Kb / 8P
Normally Open Coaxial Switch
More results

Similar Description - CCP-18D13O-T

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
D2N130CD NIEC-D2N130CD Datasheet
171Kb / 3P
Single Pole, Single Throw Normally Open
D2N140CD NIEC-D2N140CD Datasheet
171Kb / 3P
Single Pole, Single Throw Normally Open
logo
ISOCOM COMPONENTS
ISP06 ISOCOM-ISP06 Datasheet
982Kb / 12P
Normally Open Single Pole Single Throw Relay
logo
Willow Technologies Ltd
CCP-18N WILLOW-CCP-18N Datasheet
591Kb / 10P
Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCR-39S WILLOW-CCR-39S Datasheet
780Kb / 10P
Commercial Latching Multi-throw, DC-12GHz
CCP-37S WILLOW-CCP-37S Datasheet
377Kb / 6P
Commercial Latching TRANSFER, DC-3GHz, Low PIM
CCP-38S WILLOW-CCP-38S Datasheet
591Kb / 10P
Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-47D WILLOW-CCP-47D Datasheet
405Kb / 6P
Commercial Failsafe TRANSFER, DC-3GHz, Low PIM
CCP-33D WILLOW-CCP-33D Datasheet
406Kb / 6P
Commercial Failsafe SPDT, DC-3GHz, Low PIM
logo
Teledyne Technologies I...
CT-48K TELEDYNE-CT-48K Datasheet
866Kb / 10P
Internal 50Ω Termination DC-40 GHz Normally Open Multi-Throw Coaxial Switch
04/2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com