Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCP-18D Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # CCP-18D
Description  Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

CCP-18D Datasheet(HTML) 2 Page - Willow Technologies Ltd

  CCP-18D Datasheet HTML 1Page - Willow Technologies Ltd CCP-18D Datasheet HTML 2Page - Willow Technologies Ltd CCP-18D Datasheet HTML 3Page - Willow Technologies Ltd CCP-18D Datasheet HTML 4Page - Willow Technologies Ltd CCP-18D Datasheet HTML 5Page - Willow Technologies Ltd CCP-18D Datasheet HTML 6Page - Willow Technologies Ltd CCP-18D Datasheet HTML 7Page - Willow Technologies Ltd CCP-18D Datasheet HTML 8Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CCP-18D Page 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCP-18\072013\Q3
Series CCP-18D
Low PIM Multi-Throw DC–3 GHz
Normally Open Coaxial Switch
COAX SWITCHES
SCHEMATICS AND MECHANICAL OUTLINE
“-S OPTION” 15-PIN D-SUB CONNECTOR (EXAMPLE: CCP-18N160-S)
P/N:
VOLTAGE:
VDC
D/C:
M/O:
RoHS
MADE IN
TELEDYNE COAX SWITCHES
S CHE M A T IC
SHO W N IN
N O RM AL L Y O P EN PO SIT IO N


Similar Part No. - CCP-18D

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-18D TELEDYNE-CCP-18D Datasheet
512Kb / 8P
   Normally Open Coaxial Switch
CCP-18DX30 TELEDYNE-CCP-18DX30 Datasheet
512Kb / 8P
   Normally Open Coaxial Switch
CCP-18DX30-D TELEDYNE-CCP-18DX30-D Datasheet
512Kb / 8P
   Normally Open Coaxial Switch
CCP-18DX30-DM TELEDYNE-CCP-18DX30-DM Datasheet
512Kb / 8P
   Normally Open Coaxial Switch
CCP-18DX30-M TELEDYNE-CCP-18DX30-M Datasheet
512Kb / 8P
   Normally Open Coaxial Switch
More results

Similar Description - CCP-18D

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CCP-38S WILLOW-CCP-38S Datasheet
591Kb / 10P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-18N WILLOW-CCP-18N Datasheet
591Kb / 10P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-37S WILLOW-CCP-37S Datasheet
377Kb / 6P
   Commercial Latching TRANSFER, DC-3GHz, Low PIM
CCP-33D WILLOW-CCP-33D Datasheet
406Kb / 6P
   Commercial Failsafe SPDT, DC-3GHz, Low PIM
CCP-47D WILLOW-CCP-47D Datasheet
405Kb / 6P
   Commercial Failsafe TRANSFER, DC-3GHz, Low PIM
logo
Teledyne Technologies I...
CT-48K TELEDYNE-CT-48K Datasheet
866Kb / 10P
   Internal 50Ω Termination DC-40 GHz Normally Open Multi-Throw Coaxial Switch
04/2019
logo
Willow Technologies Ltd
CCR-39S WILLOW-CCR-39S Datasheet
780Kb / 10P
   Commercial Latching Multi-throw, DC-12GHz
logo
Nihon Inter Electronics...
D2N130CD NIEC-D2N130CD Datasheet
171Kb / 3P
   Single Pole, Single Throw Normally Open
D2N140CD NIEC-D2N140CD Datasheet
171Kb / 3P
   Single Pole, Single Throw Normally Open
logo
ISOCOM COMPONENTS
ISP06 ISOCOM-ISP06 Datasheet
982Kb / 12P
   Normally Open Single Pole Single Throw Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com