Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

432 Datasheet(PDF) 3 Page - Willow Technologies Ltd

Part # 432
Description  ESTABLISHED RELIABILITY TO-5 RELAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

432 Datasheet(HTML) 3 Page - Willow Technologies Ltd

  432 Datasheet HTML 1Page - Willow Technologies Ltd 432 Datasheet HTML 2Page - Willow Technologies Ltd 432 Datasheet HTML 3Page - Willow Technologies Ltd 432 Datasheet HTML 4Page - Willow Technologies Ltd 432 Datasheet HTML 5Page - Willow Technologies Ltd 432 Datasheet HTML 6Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
©2003 TELEDYNE RELAYS
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
432 Page 3
www.teledynerelays.com
432/1203/Q1
10
1
2
3
4
5
6
7
8
9
DIMENSIONS ARE SHOWN IN INCHES (MILLIMETERS)
.370
(9.40)
DIA. MAX.
.335
(8.51)
DIA. MAX.
.375 (9.52) MAX.
+.002 (.05)
.017 (.43) –.001 (.03) DIA.
TRANSISTOR BASE
CONNECTION FOR
432T ONLY
WIRE LEAD: .75 (19.05) MIN.
PIN: .187 (4.75) ±.010 (.25)
(See Note 6)
TERMINAL LOCATIONS AND PIN NUMBERING (REF. ONLY)
(Viewed from Terminals)
.035 (.89)
±.010 (0.25)
.031 (.79)
±.003 (0.08)
36° ±3°
TYP.
.200 (5.08)
±.010 (.25) DIA.
OUTLINE DIMENSIONS
GENERAL NOTES
1. Relay contacts will exhibit no chatter in excess of 10 μsec or transfer in
excess of 1 μsec.
2. “Typical” characteristics are based on available data and are best estimates.
No on-going verification tests are performed.
3. Unless otherwise specified, parameters are initial values.
4. For reference only. Coil resistance not directly measurable at relay terminals
due to internal series semiconductor. 432DD and 432T only.
5. Unless otherwise specified, relays will be supplied with either gold-plated or
solder-coated leads.
6. The slash and characters appearing after the slash are not marked on the
relay.
7. Limit Base Emitter current to 15 mAdc.
8. Applicable to all coil voltages. See Base current to turn on.
9. Screened HI-REL versions available. Contact factory.
10.
432
432DD
432D
432T
Vcc
Vr
Notes:
Logic 1 activates the relay.
Logic 0 de-activates the relay.
Vcc = logic bias power.
Vr = coil energization voltage.
Pin 10
Pin 9
Pin 1
Logic element
1 = 0.24 to 1.50mA
0 = 0.3Vdc min.
SCHEMATIC DIAGRAMS
TYPICAL LOGIC INTERFACE
(See Note 8)
Teledyne Part Numbering System for
T2R® Established Reliability Relay
ER
432 Y
M - 26
A / S Q
Established Reliability
Designator
Pad Option
(See Appendix)
Relay Series
Optional Ground Pin
(See Appendix)
Q= Solder Coated Leads
G= Gold Plated Leads
(Notes 5 and 6)
S= 0.187" leads
(Note 6)
Coil Voltage
Screening and Reliability
Level
Teledyne Part Numbering System for Military Qualified (JAN) Relays
J
432 Y
M - 26
P
L
Military (JAN)
Designator
Pad Option
(See Appendix)
Relay Series
Optional Ground Pin
(See Appendix)
Terminal Variant
P = 0.187"
Coil Voltage
Screening and Reliability
Level
SCHEMATICS ARE VIEWED
FROM TERMINALS
SERIES 432


Similar Part No. - 432

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
432 OSCILENT-432 Datasheet
142Kb / 2P
   HCMOS / TTL Output
logo
Bi technologies
432 BITECH-432 Datasheet
255Kb / 3P
   Precision Potentiometer / Position Sensor
logo
Oscilent Corporation
432-12.0M-3DC-TNC OSCILENT-432-12.0M-3DC-TNC Datasheet
142Kb / 2P
   5 x 3.2 SMD Ceramic HCMOS / TTL Output
432-12.0M-3DD-TNC OSCILENT-432-12.0M-3DD-TNC Datasheet
142Kb / 2P
   5 x 3.2 SMD Ceramic HCMOS / TTL Output
432-12.0M-3DN-TNC OSCILENT-432-12.0M-3DN-TNC Datasheet
142Kb / 2P
   5 x 3.2 SMD Ceramic HCMOS / TTL Output
More results

Similar Description - 432

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
J412D-12M TELEDYNE-J412D-12M Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
M390169-074L TELEDYNE-M390169-074L Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-26WL TELEDYNE-J412D-26WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
ER412-26A TELEDYNE-ER412-26A Datasheet
152Kb / 7P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412T-5WL TELEDYNE-J412T-5WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
412 WILLOW-412 Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
431 WILLOW-431 Datasheet
143Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
J411-12PM TELEDYNE-J411-12PM Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J411-5L TELEDYNE-J411-5L Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-6WM TELEDYNE-J412D-6WM Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com