Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

432 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # 432
Description  ESTABLISHED RELIABILITY TO-5 RELAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

432 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  432 Datasheet HTML 1Page - Willow Technologies Ltd 432 Datasheet HTML 2Page - Willow Technologies Ltd 432 Datasheet HTML 3Page - Willow Technologies Ltd 432 Datasheet HTML 4Page - Willow Technologies Ltd 432 Datasheet HTML 5Page - Willow Technologies Ltd 432 Datasheet HTML 6Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
432 Page 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
©2003 TELEDYNE RELAYS
www.teledynerelays.com
432/1203/Q1
PERFORMANCE CURVES
(NOTE 2)
SERIES 432
GENERAL ELECTRICAL SPECIFICATIONS (–65°C to +125°C unless otherwise noted) (Notes 2 & 3)
DETAILED ELECTRICAL SPECIFICATIONS (–65°C to +125°C unless otherwise noted) (Note 3)
Contact Arrangement
2 Form C (DPDT)
Rated Duty
Continuous
Contact Resistance
0.1 ohm max. before life; 0.2 ohm max. after life at 1A/28Vdc (measured 1/8" from header)
Contact Load Ratings (DC)
(See Fig. 2 for other DC
resistive voltage/current ratings)
Resistive:
1 Amp/28Vdc
Inductive:
200 mA/28Vdc (320 mH)
Lamp:
100 mA/28Vdc
Low Level:
10 to 50 μA/10 to 50mV
Contact Load Ratings (AC)
Resistive:
250 mA/115Vac, 60 and 400 Hz (Case not grounded)
100 mA/115Vac, 60 and 400 Hz (Case grounded)
Contact Life Ratings
10,000,000 cycles (typical) at low level
1,000,000 cycles (typical) at 0.5A/28Vdc resistive
100,000 cycles min. at all other loads specified above
Contact Overload Rating
2A/28Vdc Resistive (100 cycles min.)
Contact Carry Rating
Contact factory
Coil Operating Power
200 milliwatts typical at nominal rated voltage @ 25°C
Operate Time
4.0 msec max. at nominal rated coil voltage
Release Time
432 Series: 2.0 msec max.
432D, 432DD, 432T Series: 7.5 msec max.
Contact Bounce
1.5 msec max.
Intercontact Capacitance
0.4 pf typical
Insulation Resistance
10,000 megohms min. between mutually isolated terminals
Dielectric Strength
Atmospheric pressure: 500 Vrms/60Hz
70,000 ft.: 125 Vrms/60Hz
Negative Coil Transient (Vdc)
432D, 432DD, 432T
1.0 max
Diode P.I.V. (Vdc)
432D, 432DD, 432T
100 min.
432T
Transistor
Characteristics
Base Turn Off Voltage (Vdc)
0.3 min.
Emitter-base breakdown Voltage (BVEBO) (@25°C) (Vdc)
6.0 min.
Collector-base breakdown Voltage (BVEBO) (@25°C & lc = 100 μA) (Vdc)
75 min.
BASE PART
NUMBERS
(See Note 10 for full P/N example)
432-5
432D-5
432DD-5
432T-5
432-6
432D-6
432DD-6
432T-6
432-9
432D-9
432DD-9
432T-9
432-12
432D-12
432DD-12
432T-12
432-18
432D-18
432DD-18
432T-18
432-26
432D-26
432DD-26
432T-26
Coil Voltage (Vdc)
Nom.
5.0
6.0
9.0
12.0
18.0
26.5
Max.
7.5
10.0
15.0
20.0
30.0
40.0
Coil Resistance
(Ohms ±10% @25°C)
432, 432D, 432T (Note 4)
100
200
400
850
1600
3300
432DD (Note 4)
64
125
400
850
1600
3300
Coil Current (mAdc @25°C)
(432DD Series)
Min.
56.8
36.3
18.1
11.7
9.6
7.0
Max.
78.1
48.9
23.6
15.0
12.2
8.8
Coil Current (mAdc @25°C)
(432T Series)
(Note 7)
Min.
43.5
26.4
19.7
12.2
9.7
6.9
Max.
59.3
35.4
25.8
16.7
13.1
9.5
Pick-up Voltage (Vdc, Max.)
432, 432D
3.5
4.5
6.8
9.0
13.5
18.0
432DD
3.7
4.8
8.0
11.0
14.5
19.0
432T (Note 7)
3.6
4.8
7.8
11.0
14.5
19.0
Base Current to Turn On (mAdc, Max.) (432T Series) (Note 7)
1.50
1.00
0.75
0.47
0.38
0.24
Drop-out Voltage (Vdc)
432, 432D, 432T
(Note 7)
Min.
0.14
0.18
0.35
0.41
0.59
0.89
Max.
2.5
3.2
4.9
6.5
10.0
13.0
432DD
Min.
0.7
0.8
0.9
1.0
1.1
1.3
Max.
2.6
3.0
4.5
5.8
9.0
13.0
0
.1
.2
.3
.4
10
20
30
40
50
60
70
.01
0.5
.1
.5
1.0
FREQUENCY (GHz)
TYPICAL RF PERFORMANCE
INSER
TION
LOSS
ISOLA
TION
ACROSS
CONT
ACTS
ISOLA
TION
ACROSS
POLES
1.92
1.22
1.07
1.02
1.01
1.00
1.00
300
250
200
150
100
50
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
LOAD CURRENT (AMPS DC)
TYPICAL DC CONTACT RATING (RESISTIVE)
FIGURE 1
FIGURE 2
RETURN
LOSS
(VSWR)


Similar Part No. - 432

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
432 OSCILENT-432 Datasheet
142Kb / 2P
   HCMOS / TTL Output
logo
Bi technologies
432 BITECH-432 Datasheet
255Kb / 3P
   Precision Potentiometer / Position Sensor
logo
Oscilent Corporation
432-12.0M-3DC-TNC OSCILENT-432-12.0M-3DC-TNC Datasheet
142Kb / 2P
   5 x 3.2 SMD Ceramic HCMOS / TTL Output
432-12.0M-3DD-TNC OSCILENT-432-12.0M-3DD-TNC Datasheet
142Kb / 2P
   5 x 3.2 SMD Ceramic HCMOS / TTL Output
432-12.0M-3DN-TNC OSCILENT-432-12.0M-3DN-TNC Datasheet
142Kb / 2P
   5 x 3.2 SMD Ceramic HCMOS / TTL Output
More results

Similar Description - 432

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
J412D-12M TELEDYNE-J412D-12M Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
M390169-074L TELEDYNE-M390169-074L Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-26WL TELEDYNE-J412D-26WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
ER412-26A TELEDYNE-ER412-26A Datasheet
152Kb / 7P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412T-5WL TELEDYNE-J412T-5WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
412 WILLOW-412 Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
431 WILLOW-431 Datasheet
143Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
J411-12PM TELEDYNE-J411-12PM Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J411-5L TELEDYNE-J411-5L Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-6WM TELEDYNE-J412D-6WM Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com