Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

431 Datasheet(PDF) 4 Page - Willow Technologies Ltd

Part # 431
Description  ESTABLISHED RELIABILITY TO-5 RELAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

431 Datasheet(HTML) 4 Page - Willow Technologies Ltd

  431 Datasheet HTML 1Page - Willow Technologies Ltd 431 Datasheet HTML 2Page - Willow Technologies Ltd 431 Datasheet HTML 3Page - Willow Technologies Ltd 431 Datasheet HTML 4Page - Willow Technologies Ltd 431 Datasheet HTML 5Page - Willow Technologies Ltd 431 Datasheet HTML 6Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Pad designation and
bottom view dimensions
Height
For use with the following:
Dim. H
Max.
“M4” Pad for TO-5
ER411T
ER412, ER412D, ER412DD
.295 (7.49)
712, 712D, 712TN,
RF300, RF310, RF320
.300 (7.62)
ER420, ER422D, ER420DD, 421,
ER421D, ER421DD, ER422, ER422D,
ER422DD, 722, 722D, RF341
.305 (7.75)
ER431T, ER432T,
ER432, ER432D, ER432DD
.400 (10.16)
732, 732D, 732TN, RF303, RF313,
RF323
.410 (10.41)
RF312
.350 (8.89)
“M4” Pad for TO-5
ER411, ER411D, ER411DD
.295 (7.49)
ER431, ER431D, ER431DD
.400 (10.16)
RF311
.300 (7.62)
RF331
.410 (10.41)
“M4” Pad for Centigrid®
172, 172D
.305 (7.75)
ER114, ER114D, ER114DD,
J114, J114D, J114DD
.300 (7.62)
ER134, ER134D, ER134DD,
J134, J134D, J134DD
.400 (10.16)
RF100
.315 (8.00)
RF103
.420 (10.67)
“M9” Pad for Centigrid®
122C, A152
.320 (8.13)
ER116C, J116C
.300 (7.62)
ER136C, J136C
.400 (10.16)
RF180
.325 (8.25)
A150
.305 (7.75)
Notes:
1. Spacer pad material: Polyester ¿lm.
2. To specify an “M4” or “M9” spacer pad, refer to the mounting variants portion of the part numbering
example in the applicable datasheet.
3. Dimensions are in inches (mm).
4. Unless otherwise speci¿ed, tolerance is ± .010 (.25).
5. Add 10 m
to the contact resistance show in the datasheet.
6. Add 0.01 oz. (0.25 g) to the weight of the relay assembly shown in the datasheet.
Ø.150
[3.81]
(REF)
Dim
H
MAX
Dim
H
MAX
Dim
H
MAX
.156
[3.96]
(REF)
.256
[6.5]
(REF)
Dim
H
MAX
Appendix A: Spacer Pads
© 2008 Teledyne Relays
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE


Similar Part No. - 431

ManufacturerPart #DatasheetDescription
logo
Littelfuse
431 LITTELFUSE-431 Datasheet
83Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
logo
Oscilent Corporation
431 OSCILENT-431 Datasheet
133Kb / 2P
   Low Jitter 5pS
logo
MKS Instruments.
431 MKS-431 Datasheet
591Kb / 8P
   DIGITAL COMBINATION VACUUM GAUGE SYSTEM
logo
Coilcraft lnc.
431 COILCRAFT-431 Datasheet
198Kb / 2P
   Wideband Bias Chokes
431 COILCRAFT-431 Datasheet
122Kb / 2P
   RFID Transponder Coils - 4312RV
More results

Similar Description - 431

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
J412D-12M TELEDYNE-J412D-12M Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
M390169-074L TELEDYNE-M390169-074L Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-26WL TELEDYNE-J412D-26WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
432 WILLOW-432 Datasheet
152Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
ER412-26A TELEDYNE-ER412-26A Datasheet
152Kb / 7P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412T-5WL TELEDYNE-J412T-5WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
412 WILLOW-412 Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
J411-12PM TELEDYNE-J411-12PM Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J411-5L TELEDYNE-J411-5L Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-6WM TELEDYNE-J412D-6WM Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com