Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM79XX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # LM79XX
Description  FIXED VOLTAGE REGULATOR (NEGATIVE)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM79XX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  LM79XX Datasheet HTML 1Page - Fairchild Semiconductor LM79XX Datasheet HTML 2Page - Fairchild Semiconductor LM79XX Datasheet HTML 3Page - Fairchild Semiconductor LM79XX Datasheet HTML 4Page - Fairchild Semiconductor LM79XX Datasheet HTML 5Page - Fairchild Semiconductor LM79XX Datasheet HTML 6Page - Fairchild Semiconductor LM79XX Datasheet HTML 7Page - Fairchild Semiconductor LM79XX Datasheet HTML 8Page - Fairchild Semiconductor LM79XX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MC79XX (LM79XX) (KA79XX/A)
FIXED VOLTAGE REGULATOR (NEGATIVE)
3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
The MC79XX series of three-terminal negative regulators are available in
TO-220 package and with several fixed output voltages, making them useful
in a wide range of applications. Each type employs internal current limiting,
thermal shut-down and safe area protection, making it essentially indestructible.
FEATURES
• Output Current in Excess of 1A
• Output Voltages of -5, -6, -8, -12, -15, -18, -24V
• Internal Thermal Overload Protection
• Short Circuit Protection
• Output Transistor Safe-Area Compensation
Device
Output Voltage
Tolerance
Package
Operating Temperature
MC79XXCT (LM79XXCT) (KA79XX)
± 4%
KA79XXA
± 2%
TO-220
0 ~+125
°C
VOLTAGE
REFERENCE
+
-
PROTECTION
CIRCUITRY
R1
R2
Rsc
GND
I1
I2
Out
In
Q1
Q2
TO-220
1: GND 2: Input 3: Output
ORDERING INFORMATION
BLOCK DIAGRAM
©1999 Fairchild Semiconductor Corporation
Rev. C


Similar Part No. - LM79XX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM79XX NSC-LM79XX Datasheet
167Kb / 10P
   LM79XX Series 3-Terminal Negative Regulators
logo
Fairchild Semiconductor
LM79XX FAIRCHILD-LM79XX Datasheet
194Kb / 15P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
LM79XX ETC-LM79XX Datasheet
50Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM79XX FAIRCHILD-LM79XX Datasheet
119Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
LM79XX FAIRCHILD-LM79XX Datasheet
284Kb / 15P
   3-Terminal 1A Negative Voltage Regulator
More results

Similar Description - LM79XX

ManufacturerPart #DatasheetDescription
logo
AUK corp
S79XXPI AUK-S79XXPI Datasheet
270Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Micro Electronics
SG7900A MICRO-ELECTRONICS-SG7900A Datasheet
175Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC_1 Datasheet
301Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG79XXA MICROSEMI-SG79XXA Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
SG120 MICROSEMI-SG120 Datasheet
167Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC Datasheet
271Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7912AR MICROSEMI-SG7912AR Datasheet
405Kb / 9P
   Negative Fixed Voltage Regulator
logo
AUK corp
S79XXPI AUK-S79XXPI_1 Datasheet
302Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7900A MICROSEMI-SG7900A Datasheet
375Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120 MICROSEMI-SG120_1 Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG79XXA MICROSEMI-SG79XXA_10 Datasheet
417Kb / 9P
   Negative Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com