Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHM306-05A Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # MHM306-05A
Description  Ionizers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MHM306-05A Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  MHM306-05A_17 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MHM306-05A_17 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of MHM306-05A from the official website of Murata Manufacturing Co., Ltd.
https://www.murata.com/en-us/products/productdetail?partno=MHM306-05A
MHM306-05A
Specifications
Input Voltage
12.0Vdc
Consumption Electricity
0.6W
Operating Temperature Range
-
10
to
50
Operating Humidity Range
20
RH to
80
RH
Ion Type
negative ion
Ion Amount
20000000pcs/cc
Ozone Amount
0.60mg/H
Lead Length
115mm
2 of 2
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last
updated 2017/11/13


Similar Part No. - MHM306-05A_17

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MHM306-05A MURATA-MHM306-05A Datasheet
186Kb / 2P
Operating Temperature Range
logo
Murata Manufacturing Co...
MHM306-05A MURATA1-MHM306-05A Datasheet
520Kb / 15P
Ionizer module
More results

Similar Description - MHM306-05A_17

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
KS1AA1T OMRON-KS1AA1T Datasheet
6Mb / 25P
Static Sensors and Ionizers Series Catalog
logo
Murata Manufacturing Co...
MHM305-01 MURATA-MHM305-01_17 Datasheet
198Kb / 2P
Ionizers
MHM305-02 MURATA-MHM305-02_17 Datasheet
198Kb / 2P
Ionizers
MHM305-05 MURATA-MHM305-05_17 Datasheet
198Kb / 2P
Ionizers
MHM306-01 MURATA-MHM306-01_17 Datasheet
198Kb / 2P
Ionizers
MHM306-02 MURATA-MHM306-02_17 Datasheet
198Kb / 2P
Ionizers
MHM400-01 MURATA-MHM400-01_17 Datasheet
198Kb / 2P
Ionizers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com