Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AX92906 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX92906
Description  Full-size PCI Express Mini Module with COM
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX92906 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX92906_17 Datasheet HTML 1Page - Axiomtek Co., Ltd. AX92906_17 Datasheet HTML 2Page - Axiomtek Co., Ltd. AX92906_17 Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
240
axiomtek.com
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
1
0
© 2017 Axiomtek Co., Ltd. All rights reserved.
AX92902+AX93287
(P/N: E392902101)
Full-size PCI Express Mini Module with Gigabit LAN
AX92903
(P/N: E392903100)
Full-size PCI Express Mini Module with CAN Bus
Features
Supports 10/100/1000 Mbps transfer rates
Supports Wake-on LAN
Supports PXE Boot ROM
From factor
Full-size PCI Express Mini Card
Controller
Intel® i210IT
Specification
1 Gigabit Ethernet
Dimension
51 x 30 mm
Features
USB to 1 channel CANBus port
Support CANOpen
From factor
Full-size PCI Express Mini Card
Specification
CAN 2.0A and CAN 2.0B
Dimension
51 x 30 mm
Full-size PCI Express Mini Modules
AX92902
AX92903
Ordering Information
Ordering Information
CAN Bus
AX92902
AX93287
AX92902+AX93287
Gigabit LAN
Full-size PCI Express Mini Module with Gigabit LAN
Full-size PCI Express Mini Module with CAN Bus
Updated May 04, 2017.


Similar Part No. - AX92906_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX92906 AXIOMTEK-AX92906 Datasheet
379Kb / 1P
Full-Size PCI Express Mini Module
More results

Similar Description - AX92906_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX92902 AXIOMTEK-AX92902 Datasheet
379Kb / 1P
Full-Size PCI Express Mini Module
AX92907 AXIOMTEK-AX92907_17 Datasheet
679Kb / 3P
Full-size PCI Express Mini Module with SATA
AX92905 AXIOMTEK-AX92905_17 Datasheet
679Kb / 3P
Full-size PCI Express Mini Module with Audio
AX92902 AXIOMTEK-AX92902_17 Datasheet
679Kb / 3P
Full-size PCI Express Mini Module with Gigabit LAN
AX92903 AXIOMTEK-AX92903_17 Datasheet
679Kb / 3P
Full-size PCI Express Mini Module with CAN Bus
AX92904 AXIOMTEK-AX92904_17 Datasheet
679Kb / 3P
Full-size PCI Express Mini Module with 32 bit DIO
logo
Adlink Technology Inc.
NANOX-AL ADLINK-NANOX-AL Datasheet
444Kb / 4P
COM Express Mini Size Type 10 Module
logo
Axiomtek Co., Ltd.
AX93262 AXIOMTEK-AX93262_17 Datasheet
351Kb / 1P
ZIO module with four COM ports and one PCI Express Mini Card
logo
Adlink Technology Inc.
NANOX-BT ADLINK-NANOX-BT Datasheet
430Kb / 4P
Extreme Rugged COM Express Mini Size Type 10 Module
logo
Adam Technologies, Inc.
PCIE981 ADAM-TECH-PCIE981 Datasheet
162Kb / 1P
PCI & MINI PCI EXPRESS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com