Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AX92905 Datasheet(PDF) 3 Page - Axiomtek Co., Ltd.

Part # AX92905
Description  Full-size PCI Express Mini Module with Audio
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX92905 Datasheet(HTML) 3 Page - Axiomtek Co., Ltd.

  AX92905_17 Datasheet HTML 1Page - Axiomtek Co., Ltd. AX92905_17 Datasheet HTML 2Page - Axiomtek Co., Ltd. AX92905_17 Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
242
axiomtek.com
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
1
0
© 2017 Axiomtek Co., Ltd. All rights reserved.
59429070600E
SATA power cable L=200mm
AX92906 with cable
COM 1
COM 2
Full-size PCI Express
Mini Card (PCle only)
AX92906
AX92907
Ordering Information
Ordering Information
AX92906
(P/N:E392906100)
Full-size PCI Express Mini Module with COM and Half-size
PCI Express Mini Card (PCIe only)
AX92907
(P/N: E392907100)
Full-size PCI Express Mini Module with SATA
Features
USB to 2 Channel high speed RS-232 ports
Supports one half-size PCI Express Mini card slot
(PCIe only)
From factor
Full-size PCI Express Mini Card
Specification
2 COM ports (2 x RS-232) and half-size PCI Express Mini
Card slot (PCIe only)
Dimension
51 x 30 mm
Features
Two independent SATA channels
Fully compatible with SATA revision 2.0 and 3.0 hard
drives (HDD) and Solid State Drives (SSD)
Support RAID 0,1
Two SATA power connectors with +5V
From factor
Full-size PCI Express Mini Card
Specification
2 SATA connector and SATA power connector
Dimension
51 x 30 mm
Full-size PCI Express Mini Module with COM
Full-size PCI Express Mini Module with SATA
Optional ordering for cables
SATA 1
SATA 2
Power input
(+12V)
SATA power (+5V)
NEW
Updated May 04, 2017.


Similar Part No. - AX92905_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX92905 AXIOMTEK-AX92905 Datasheet
379Kb / 1P
   Full-Size PCI Express Mini Module
More results

Similar Description - AX92905_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX92902 AXIOMTEK-AX92902 Datasheet
379Kb / 1P
   Full-Size PCI Express Mini Module
AX92907 AXIOMTEK-AX92907_17 Datasheet
679Kb / 3P
   Full-size PCI Express Mini Module with SATA
AX92906 AXIOMTEK-AX92906_17 Datasheet
679Kb / 3P
   Full-size PCI Express Mini Module with COM
AX92902 AXIOMTEK-AX92902_17 Datasheet
679Kb / 3P
   Full-size PCI Express Mini Module with Gigabit LAN
AX92903 AXIOMTEK-AX92903_17 Datasheet
679Kb / 3P
   Full-size PCI Express Mini Module with CAN Bus
AX92904 AXIOMTEK-AX92904_17 Datasheet
679Kb / 3P
   Full-size PCI Express Mini Module with 32 bit DIO
logo
Adam Technologies, Inc.
PCIE981 ADAM-TECH-PCIE981 Datasheet
162Kb / 1P
   PCI & MINI PCI EXPRESS
logo
Japan Aviation Electron...
NT4R1600 JAE-NT4R1600 Datasheet
579Kb / 10P
   Compatible With PCI Express Mini Card
MM60 JAE-MM60 Datasheet
460Kb / 6P
   Compatible with PCI Express Mini Card
logo
Adam Technologies, Inc.
MPE-52-R-SMT-XX ADAM-TECH-MPE-52-R-SMT-XX Datasheet
105Kb / 1P
   MINI PCI EXPRESS CONNECTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com