Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AX92902 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # AX92902
Description  Full-size PCI Express Mini Module with Gigabit LAN
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX92902 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  AX92902_17 Datasheet HTML 1Page - Axiomtek Co., Ltd. AX92902_17 Datasheet HTML 2Page - Axiomtek Co., Ltd. AX92902_17 Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
241
* All specifications and photos are subject to change without notice.
Full-size PCI Express Mini Modules
AX92904
AX92905
Ordering Information
Ordering Information
AX92904
(P/N: E392904101)
Full-size PCI Express Mini Module with 32 bit DIO
AX92905
(P/N:E392905100)
Full-size PCI Express Mini Module with Audio and Half-size
PCI Express Mini Card (PCIe only)
8 bit Digital I/O x 4
AX92905 with cable
Full-size PCI Express
Mini Card (PCle only)
Audio
Features
Support four 8-bit TTL level DIO ports with +5V powered
Each bit can be programmable as input or output
From factor
Full-size PCI Express Mini Card
Specification
32 bit programmable DIO
Dimension
51 x 30 mm
Features
USB to Audio as Mic-In/Line-In/Line-Out
Supports one half-size PCI Express Mini card slot
(PCIe only)
From factor
Full-size PCI Express Mini Card
Controller
Cmedia CM6510B
Specification
Specification Audio with Mic in/Line in/Line out and half-
size PCI Express Mini Card slot (PCIe only)
Dimension
51 x 30 mm
Full-size PCI Express Mini Module with 32 bit DIO
Full-size PCI Express Mini Module with Audio
Updated May 04, 2017.


Similar Part No. - AX92902_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX92902 AXIOMTEK-AX92902 Datasheet
379Kb / 1P
   Full-Size PCI Express Mini Module
More results

Similar Description - AX92902_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX92902 AXIOMTEK-AX92902 Datasheet
379Kb / 1P
   Full-Size PCI Express Mini Module
AX92907 AXIOMTEK-AX92907_17 Datasheet
679Kb / 3P
   Full-size PCI Express Mini Module with SATA
AX92906 AXIOMTEK-AX92906_17 Datasheet
679Kb / 3P
   Full-size PCI Express Mini Module with COM
AX92905 AXIOMTEK-AX92905_17 Datasheet
679Kb / 3P
   Full-size PCI Express Mini Module with Audio
AX92903 AXIOMTEK-AX92903_17 Datasheet
679Kb / 3P
   Full-size PCI Express Mini Module with CAN Bus
AX92904 AXIOMTEK-AX92904_17 Datasheet
679Kb / 3P
   Full-size PCI Express Mini Module with 32 bit DIO
logo
AAEON Technology
PER-C31L AAEON-PER-C31L Datasheet
166Kb / 1P
   Two PCI-Express Gigabit Ethernet & Two SFP Fiber LAN Module
logo
Vecow Co., Ltd.
SE-1000 VECOW-SE-1000 Datasheet
3Mb / 2P
   PCI Express x1, 4-port Gigabit LAN Bypass/IEEE
logo
Adam Technologies, Inc.
PCIE981 ADAM-TECH-PCIE981 Datasheet
162Kb / 1P
   PCI & MINI PCI EXPRESS
logo
AAEON Technology
PER-C35L AAEON-PER-C35L Datasheet
125Kb / 1P
   Two PCI-Express 10 Gigabit Ethernet Acceleration Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com