Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR2020CT Datasheet(PDF) 3 Page - Dongguan City Niuhang Electronics Co.LTD

Part # MBR2020CT
Description  SCHOTTKY RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

MBR2020CT Datasheet(HTML) 3 Page - Dongguan City Niuhang Electronics Co.LTD

  MBR2020CT Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD MBR2020CT Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD MBR2020CT Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD MBR2020CT Datasheet HTML 4Page - Dongguan City Niuhang Electronics Co.LTD MBR2020CT Datasheet HTML 5Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Production
Data Sheet
Niu Hang
Electronic Co. Ltd
MBR2020CT/FCT/CD THRU MBR20200CT/FCT/CD
SCHOTTKY RECTIFIERS
http://www.dgniuhang.com
Page: 3 of 5
Date:2014/10/20
Rev.:AA
OUTLINE DRAWINGS
Pack
Carton SizeL×W×H(mm)
Quantity(pcs/box)
Box Size L×W×H(mm)
Quantity(box/carton)
P/T
5
Product code
P/T
5
P/T
5
TO-220AB
ITO-220AB
TO-263
580×230×175
1000
550×150×40
580×230×175
1000
550×150×40
580×230×175
1000
550×150×40
Thermal Characteristcs
TO-220AB
3.Thermal resistance from junction to case
Typical thermal resistance
R JC
2.5
/W
3 )
4.5
Parameter
Symbol
Unit
2.5
ITO-220AB
TO-263
Packing Information


Similar Part No. - MBR2020CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR2020CT MCC-MBR2020CT Datasheet
67Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Yea Shin Technology Co....
MBR2020CT YEASHIN-MBR2020CT Datasheet
1Mb / 4P
   20 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR2020CT PANJIT-MBR2020CT Datasheet
45Kb / 2P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Chongqing Pingwei Enter...
MBR2020CT CHONGQING-MBR2020CT Datasheet
213Kb / 1P
   20A Schottky Barrier Rectifier
logo
Shanghai Lunsure Electr...
MBR2020CT CHENYI-MBR2020CT Datasheet
227Kb / 2P
   20Amp schottky barrier rectifier 20to100 volts
More results

Similar Description - MBR2020CT

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Fairchild Semiconductor
SS26 FAIRCHILD-SS26 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
Motorola, Inc
MBR040 MOTOROLA-MBR040 Datasheet
159Kb / 2P
   Schottky rectifiers
logo
Central Semiconductor C...
CSHDD16-40C CENTRAL-CSHDD16-40C_15 Datasheet
557Kb / 2P
   SCHOTTKY RECTIFIERS
logo
Fairchild Semiconductor
SS32 FAIRCHILD-SS32_01 Datasheet
53Kb / 3P
   Schottky Rectifiers
logo
Dongguan City Niuhang E...
K22-NH-E-OK NIUHANG-K22-NH-E-OK Datasheet
1Mb / 3P
   SCHOTTKY RECTIFIERS
MBR1020DD NIUHANG-MBR1020DD Datasheet
485Kb / 5P
   SCHOTTKY RECTIFIERS
SS52F NIUHANG-SS52F Datasheet
321Kb / 3P
   SCHOTTKY RECTIFIERS
MBR1020DCT NIUHANG-MBR1020DCT Datasheet
431Kb / 3P
   SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com