Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD4003 Datasheet(PDF) 29 Page - Analog Devices

Part # AD4003
Description  Precision, Differential SAR ADCs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4003 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD4003_17 Datasheet HTML 25Page - Analog Devices AD4003_17 Datasheet HTML 26Page - Analog Devices AD4003_17 Datasheet HTML 27Page - Analog Devices AD4003_17 Datasheet HTML 28Page - Analog Devices AD4003_17 Datasheet HTML 29Page - Analog Devices AD4003_17 Datasheet HTML 30Page - Analog Devices AD4003_17 Datasheet HTML 31Page - Analog Devices AD4003_17 Datasheet HTML 32Page - Analog Devices AD4003_17 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
Data Sheet
AD4003/AD4007/AD4011
Rev. B | Page 29 of 38
CS MODE, 3-WIRE TURBO MODE
This mode is typically used when a single AD4003/AD4007/
AD4011 device is connected to an SPI-compatible digital host. It
provides additional time during the end of the ADC conversion
process to clock out the previous conversion result, providing a
lower SCK rate. The AD4003 can achieve a throughput rate of
2 MSPS only when turbo mode is enabled and using a minimum
SCK rate of 75 MHz. With turbo mode enabled, the AD4007 can
also achieve its maximum throughput rate of 1 MSPS with a
minimum SCK rate of 25 MHz, and the AD4011 can achieve its
maximum throughput rate of 500 kSPS with a minimum SCK
rate of 11 MHz. The connection diagram is shown in Figure 53,
and the corresponding timing diagram is shown in Figure 54.
This mode replaces the 3-wire with busy indicator mode by
programming the turbo mode bit, Bit 1 (see Table 14).
When SDI is forced high, a rising edge on CNV initiates a
conversion. The previous conversion data is available to read
after the CNV rising edge. The user must wait tQUIET1 time after
CNV is brought high before bringing CNV low to clock out the
previous conversion result. The user must also wait tQUIET2 time
after the last falling edge of SCK to when CNV is brought high.
When the conversion is complete, the AD4003/AD4007/AD4011
enter the acquisition phase and power down. When CNV goes
low, the MSB is output to SDO. The remaining data bits are
clocked by subsequent SCK falling edges. The data is valid on
both SCK edges. Although the rising edge can capture the data,
a digital host using the SCK falling edge allows a faster reading
rate, provided it has an acceptable hold time. After the 18th SCK
falling edge or when CNV goes high (whichever occurs first),
SDO returns to high impedance.
AD4003/
AD4007/
AD4011
SDI
SDO
CNV
SCK
CONVERT
DATA IN
CLK
DIGITAL HOST
VIO
Figure 53. CS Mode, 3-Wire Turbo Mode Connection Diagram (SDI High)
SDI = 1
tCYC
CNV
ACQUISITION
ACQUISITION
tACQ
tSCK
tSCKL
CONVERSION
SCK
D0
D1
D15
D16
D17
SDO
tEN
tHSDO
1
2
3
16
17
18
tDSDO
tDIS
tSCKH
tQUIET1
QUIET2
CONV
Figure
54. CS Mode, 3-Wire Turbo Mode Serial Interface Timing Diagram (SDI High)


Similar Part No. - AD4003_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4003BCPZ-RL7 AD-AD4003BCPZ-RL7 Datasheet
1Mb / 34P
   18-Bit, 2 MSPS Precision SAR Differential ADC
AD4003BRMZ AD-AD4003BRMZ Datasheet
1Mb / 34P
   18-Bit, 2 MSPS Precision SAR Differential ADC
AD4003BRMZ-RL7 AD-AD4003BRMZ-RL7 Datasheet
1Mb / 34P
   18-Bit, 2 MSPS Precision SAR Differential ADC
More results

Similar Description - AD4003_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4001 AD-AD4001_17 Datasheet
905Kb / 37P
   Precision, Differential SAR ADCs
AD4002 AD-AD4002 Datasheet
599Kb / 36P
   Precision, Pseudo Differential, SAR ADCs
AD4000 AD-AD4000_17 Datasheet
1Mb / 36P
   Precision, Pseudo Differential, SAR ADCs
AD4020 AD-AD4020 Datasheet
789Kb / 37P
   Precision SAR, Differential ADC
AD7380 AD-AD7380 Datasheet
699Kb / 31P
   Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
MT-074 AD-MT-074 Datasheet
255Kb / 5P
   Differential Drivers for Precision ADCs
REV. 0
AD4001 AD-AD4001 Datasheet
926Kb / 34P
   16-Bit, 2 MSPS, Precision SAR, Differential ADC
AD4003 AD-AD4003 Datasheet
1Mb / 34P
   18-Bit, 2 MSPS Precision SAR Differential ADC
AD4680 AD-AD4680 Datasheet
427Kb / 29P
   Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com