Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD4001 Datasheet(PDF) 4 Page - Analog Devices

Part # AD4001
Description  Precision, Differential SAR ADCs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4001 Datasheet(HTML) 4 Page - Analog Devices

  AD4001_17 Datasheet HTML 1Page - Analog Devices AD4001_17 Datasheet HTML 2Page - Analog Devices AD4001_17 Datasheet HTML 3Page - Analog Devices AD4001_17 Datasheet HTML 4Page - Analog Devices AD4001_17 Datasheet HTML 5Page - Analog Devices AD4001_17 Datasheet HTML 6Page - Analog Devices AD4001_17 Datasheet HTML 7Page - Analog Devices AD4001_17 Datasheet HTML 8Page - Analog Devices AD4001_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
AD4001/AD4005
Data Sheet
Rev. B | Page 4 of 37
SPECIFICATIONS
VDD = 1.71 V to 1.89 V, VIO = 1.71 V to 5.5 V, VREF = 5 V, all specifications TMIN to TMAX, high-Z mode disabled, span compression disabled,
turbo mode enabled, and sampling frequency (fS) = 2 MSPS for the AD4001 and fS = 1 MSPS for the AD4005, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
VIN+ − VIN−
−VREF
+VREF
V
Span compression enabled
−VREF × 0.8
+VREF × 0.8
V
Operating Input Voltage
VIN+, VIN− to GND
−0.1
VREF + 0.1
V
Span compression enabled
0.1 × VREF
0.9 × VREF
V
Common-Mode Input Range
VREF/2 − 0.125
VREF/2
VREF/2 + 0.125
V
Common-Mode Rejection Ratio (CMRR)
fIN = 500 kHz
68
dB
Analog Input Current
Acquisition phase, T = 25°C
0.3
nA
High-Z mode enabled, converting
dc input at 2 MSPS
1
µA
THROUGHPUT
Complete Cycle
AD4001
500
ns
AD4005
1000
ns
Conversion Time
290
320
ns
Acquisition Phase1
AD4001
290
ns
AD4005
790
ns
Throughput Rate2
AD4001
0
2
MSPS
AD4005
0
1
MSPS
Transient Response3
250
ns
DC ACCURACY
No Missing Codes
16
Bits
Integral Nonlinearity Error (INL)
−0.4
±0.2
+0.4
LSB
Differential Nonlinearity Error (DNL)
−0.5
±0.2
+0.5
LSB
Transition Noise
0.35
LSB
Zero Error
−1.5
±0.1
+1.5
LSB
Zero Error Drift4
−0.28
+0.28
ppm/°C
Gain Error
−16.5
±0.4
+16.5
LSB
Gain Error Drift4
−0.23
+0.23
ppm/°C
Power Supply Sensitivity
VDD = 1.8 V ± 5%
0.25
LSB
1/f Noise5
Bandwidth = 0.1 Hz to 10 Hz
6
µV p-p
AC ACCURACY
Dynamic Range
96.3
dB
Total RMS Noise
54
µV rms
fIN = 1 kHz, −0.5 dBFS, VREF = 5 V
Signal-to-Noise Ratio (SNR)
95.6
96.2
dB
Spurious-Free Dynamic Range (SFDR)
122
dB
Total Harmonic Distortion (THD)
−123
dB
Signal-to-Noise-and-Distortion Ratio
(SINAD)
95.5
96
dB
Oversampled Dynamic Range
Oversampling ratio (OSR) = 256,
VREF = 5 V
120
dB


Similar Part No. - AD4001_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4001BCPZ-RL7 AD-AD4001BCPZ-RL7 Datasheet
926Kb / 34P
   16-Bit, 2 MSPS, Precision SAR, Differential ADC
AD4001BRMZ AD-AD4001BRMZ Datasheet
926Kb / 34P
   16-Bit, 2 MSPS, Precision SAR, Differential ADC
AD4001BRMZ-RL7 AD-AD4001BRMZ-RL7 Datasheet
926Kb / 34P
   16-Bit, 2 MSPS, Precision SAR, Differential ADC
More results

Similar Description - AD4001_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4003 AD-AD4003_17 Datasheet
1Mb / 38P
   Precision, Differential SAR ADCs
AD4002 AD-AD4002 Datasheet
599Kb / 36P
   Precision, Pseudo Differential, SAR ADCs
AD4000 AD-AD4000_17 Datasheet
1Mb / 36P
   Precision, Pseudo Differential, SAR ADCs
AD4020 AD-AD4020 Datasheet
789Kb / 37P
   Precision SAR, Differential ADC
AD7380 AD-AD7380 Datasheet
699Kb / 31P
   Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
MT-074 AD-MT-074 Datasheet
255Kb / 5P
   Differential Drivers for Precision ADCs
REV. 0
AD4001 AD-AD4001 Datasheet
926Kb / 34P
   16-Bit, 2 MSPS, Precision SAR, Differential ADC
AD4003 AD-AD4003 Datasheet
1Mb / 34P
   18-Bit, 2 MSPS Precision SAR Differential ADC
AD4680 AD-AD4680 Datasheet
427Kb / 29P
   Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com