Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD4000 Datasheet(PDF) 28 Page - Analog Devices

Part # AD4000
Description  Precision, Pseudo Differential, SAR ADCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4000 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD4000_17 Datasheet HTML 24Page - Analog Devices AD4000_17 Datasheet HTML 25Page - Analog Devices AD4000_17 Datasheet HTML 26Page - Analog Devices AD4000_17 Datasheet HTML 27Page - Analog Devices AD4000_17 Datasheet HTML 28Page - Analog Devices AD4000_17 Datasheet HTML 29Page - Analog Devices AD4000_17 Datasheet HTML 30Page - Analog Devices AD4000_17 Datasheet HTML 31Page - Analog Devices AD4000_17 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
AD4000/AD4004/AD4008
Data Sheet
Rev. C | Page 28 of 36
CS MODE, 3-WIRE TURBO MODE
This mode is typically used when a single AD4000/AD4004/
AD4008 device is connected to an SPI-compatible digital host. It
provides additional time during the end of the ADC conversion
process to clock out the previous conversion result, providing a
lower SCK rate. The AD4000 can achieve a throughput rate of
2 MSPS only when turbo mode is enabled and using a minimum
SCK rate of 70 MHz. With turbo mode enabled, the AD4004
can also achieve its maximum throughput rate of 1 MSPS with a
minimum SCK rate of 22 MHz, and the AD4008 can achieve its
maximum throughput rate of 500 kSPS with a minimum SCK rate
of 10 MHz. The connection diagram is shown in Figure 50, and
the corresponding timing diagram is shown in Figure 51.
This mode replaces the 3-wire with busy indicator mode by
programming the turbo mode bit, Bit 1 (see Table 14).
When SDI is forced high, a rising edge on CNV initiates a
conversion. The previous conversion data is available to read
after the CNV rising edge. The user must wait tQUIET1 time after
CNV is brought high before bringing CNV low to clock out the
previous conversion result. The user must also wait tQUIET2 time
after the last falling edge of SCK to when CNV is brought high.
When the conversion is complete, the AD4000/AD4004/AD4008
enter the acquisition phase and power down. When CNV goes
low, the MSB is output to SDO. The remaining data bits are
clocked by subsequent SCK falling edges. The data is valid on
both SCK edges. Although the rising edge can capture the data,
a digital host using the SCK falling edge allows a faster reading
rate, provided it has an acceptable hold time. After the 16th SCK
falling edge or when CNV goes high (whichever occurs first),
SDO returns to high impedance.
AD4000/
AD4004/
AD4008
SDI
SDO
CNV
SCK
CONVERT
DATA IN
CLK
DIGITAL HOST
VIO
Figure 50. CS Mode, 3-Wire Turbo Mode Connection Diagram (SDI High)
SDI = 1
tCYC
CNV
ACQUISITION
ACQUISITION
tACQ
tSCK
tSCKL
CONVERSION
SCK
D0
D1
D13
D14
D15
SDO
tEN
tHSDO
1
2
3
14
15
16
tDSDO
tDIS
tSCKH
tQUIET1
QUIET2
CONV
Figure
51. CS Mode, 3-Wire Turbo Mode Serial Interface Timing Diagram (SDI High)


Similar Part No. - AD4000_17

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AD4000-10TO SENSORTECHNICS-AD4000-10TO Datasheet
365Kb / 2P
   4000 關m active area
More results

Similar Description - AD4000_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4002 AD-AD4002 Datasheet
599Kb / 36P
   Precision, Pseudo Differential, SAR ADCs
AD4003 AD-AD4003_17 Datasheet
1Mb / 38P
   Precision, Differential SAR ADCs
AD4001 AD-AD4001_17 Datasheet
905Kb / 37P
   Precision, Differential SAR ADCs
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
logo
Analog Devices
AD4020 AD-AD4020 Datasheet
789Kb / 37P
   Precision SAR, Differential ADC
AD4682 AD-AD4682 Datasheet
656Kb / 30P
   Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
AD7380 AD-AD7380 Datasheet
699Kb / 31P
   Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
MT-074 AD-MT-074 Datasheet
255Kb / 5P
   Differential Drivers for Precision ADCs
REV. 0
AD4000 AD-AD4000 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
   18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com