Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD4000 Datasheet(PDF) 27 Page - Analog Devices

Part # AD4000
Description  Precision, Pseudo Differential, SAR ADCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4000 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD4000_17 Datasheet HTML 23Page - Analog Devices AD4000_17 Datasheet HTML 24Page - Analog Devices AD4000_17 Datasheet HTML 25Page - Analog Devices AD4000_17 Datasheet HTML 26Page - Analog Devices AD4000_17 Datasheet HTML 27Page - Analog Devices AD4000_17 Datasheet HTML 28Page - Analog Devices AD4000_17 Datasheet HTML 29Page - Analog Devices AD4000_17 Datasheet HTML 30Page - Analog Devices AD4000_17 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Data Sheet
AD4000/AD4004/AD4008
Rev. C | Page 27 of 36
STATUS WORD
The 6-bit status word can be appended to the end of a conversion
result, and the default conditions of these bits are shown in
Table 15. The status bits must be enabled in the register setting.
When the OV clamp flag is a 0, it indicates an overvoltage
condition. The OV clamp flag status bit updates on a per
conversion basis.
The SDO line returns to high impedance after the sixth status
bit is clocked out (except in daisy-chain mode). The user is not
required to clock out all status bits to start the next conversion.
The serial interface timing for CS mode, 3-wire without busy
indicator, including status bits, is shown in Figure 49.
SDO
D15
D14
D13
D1
D0
SCK
1
2
3
14
15
16
tSCK
tSCKL
tSCKH
tHSDO
tDSDO
CN V
CONVERSION
ACQUISITION
tCYC
ACQUISITION
SDI = 1
tCNVH
ACQ
tEN
21
22
tQUIET2
STATUS BITS[5:0]
B1
tDIS
B0
20
tCONV
Figure 49. CS Mode, 3-Wire Without Busy Indicator Serial Interface Timing Diagram, Including Status Bits (SDI High)
Table 15. Status Bits (Default Conditions)
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OV clamp flag
Span compression
High-Z mode
Turbo mode
Reserved
Reserved


Similar Part No. - AD4000_17

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AD4000-10TO SENSORTECHNICS-AD4000-10TO Datasheet
365Kb / 2P
4000 關m active area
More results

Similar Description - AD4000_17

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18 Datasheet
893Kb / 24P
18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
logo
Analog Devices
MT-074 AD-MT-074 Datasheet
255Kb / 5P
Differential Drivers for Precision ADCs
REV. 0
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
logo
Analog Devices
AD4000 AD-AD4000 Datasheet
1Mb / 33P
16-Bit, 2 MSPS Precision Pseudo Differential ADC
REV. 0
AD4001 AD-AD4001_17 Datasheet
905Kb / 37P
Precision, Differential SAR ADCs
AD4002 AD-AD4002 Datasheet
599Kb / 36P
Precision, Pseudo Differential, SAR ADCs
AD4003 AD-AD4003_17 Datasheet
1Mb / 38P
Precision, Differential SAR ADCs
AD4020 AD-AD4020 Datasheet
789Kb / 37P
Precision SAR, Differential ADC
AD7380 AD-AD7380 Datasheet
699Kb / 31P
Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
AD4682 AD-AD4682 Datasheet
656Kb / 30P
Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com