Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD4000 Datasheet(PDF) 23 Page - Analog Devices

Part # AD4000
Description  Precision, Pseudo Differential, SAR ADCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4000 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD4000_17 Datasheet HTML 19Page - Analog Devices AD4000_17 Datasheet HTML 20Page - Analog Devices AD4000_17 Datasheet HTML 21Page - Analog Devices AD4000_17 Datasheet HTML 22Page - Analog Devices AD4000_17 Datasheet HTML 23Page - Analog Devices AD4000_17 Datasheet HTML 24Page - Analog Devices AD4000_17 Datasheet HTML 25Page - Analog Devices AD4000_17 Datasheet HTML 26Page - Analog Devices AD4000_17 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Data Sheet
AD4000/AD4004/AD4008
Rev. C | Page 23 of 36
Figure 42 and Figure 43 show the AD4000/AD4004/AD4008
SNR and THD performance using the ADA4077-1 (supply
current per amplifier (ISY) = 400 µA) and ADA4610-1 (ISY =
1.50 mA) precision amplifiers when driving the AD4000/AD4004/
AD4008 at full throughput for high-Z mode both enabled and
disabled with various RC filter values. These amplifiers achieve
91 dB to 92 dB typical SNR and close to −100 dB typical THD
with high-Z enabled for a 2.27 MHz RC bandwidth. THD is
approximately 5 dB better with high-Z mode enabled, even for
large R values greater than 200 Ω. SNR maintains close to 85 dB
even with a very low RC filter cutoff.
When high-Z mode is enabled, the ADC consumes approximately
1 mW per MSPS of extra power; however, this is still significantly
lower than using dedicated ADC drivers like the ADA4807-1.
For any system, the front end usually limits the overall ac/dc
performance of the signal chain. The data sheets of the selected
precision amplifiers, shown in Figure 42 and Figure 43, show
that their own noise and distortion performance dominates the
SNR and THD specification at a certain input frequency.
70
80
75
85
90
95
260.482kHz
1.3kΩ
470pF
497.981kHz
680Ω
470pF
1.3MHz
680Ω
180pF
2.27MHz
390Ω
180pF
4.42MHz
200Ω
180pF
ADA4077-1 HIGH-Z ENABLED
ADA4077-1 HIGH-Z DISABLED
ADA4610-1 HIGH-Z ENABLED
ADA4610-1 HIGH-Z DISABLED
RC FILTER BANDWIDTHS (Hz),
RESISTOR (Ω), CAPACITOR (pF)
Figure 42. SNR vs. RC Filter Bandwidths for Various Precision ADC Drivers,
fIN = 1 kHz (Turbo Mode On, High-Z Enabled/Disabled),
VDD = 1.8 V, VIO = 3.3 V, VREF = 5 V, 25°C
RC FILTER BANDWIDTHS (Hz),
RESISTOR (Ω), CAPACITOR (pF)
–115
–105
–110
–100
–95
–90
–85
–80
–70
–75
260.482kHz
1.3kΩ
470pF
497.981kHz
680Ω
470pF
1.3MHz
680Ω
180pF
2.27MHz
390Ω
180pF
4.42MHz
200Ω
180pF
ADA4077-1 HIGH-Z ENABLED
ADA4077-1 HIGH-Z DISABLED
ADA4610-1 HIGH-Z ENABLED
ADA4610-1 HIGH-Z DISABLED
Figure 43. THD vs. RC Filter Bandwidths for Various Precision ADC Drivers,
fIN = 1 kHz (Turbo Mode On, High-Z Enabled/Disabled),
VDD = 1.8 V, VIO = 3.3 V, VREF = 5 V, 25°C
Long Acquisition Phase
The AD4000/AD4004/AD4008 also feature a fast conversion
time of 290 ns, which results in a long acquisition phase. The
acquisition is further extended by a key feature of the AD4000/
AD4004/AD4008: the ADC returns to the acquisition phase
typically 100 ns before the end of the conversion. This feature
provides an even longer time for the ADC to acquire the new
input voltage. A longer acquisition phase reduces the settling
requirement on the driving amplifier, and a lower power/
bandwidth amplifier can be chosen. The longer acquisition
phase means that a lower RC filter (represented by R and C in
Figure 33 and Figure 34) cutoff can be used, which means a
noisier amplifier can also be tolerated. A larger value of R can
be used in the RC filter with a corresponding smaller value of C,
reducing amplifier stability concerns without affecting distortion
performance significantly. A larger value of R also results in
reduced dynamic power dissipation in the amplifier.
See Table 10 for details on setting the RC filter bandwidth and
choosing a suitable amplifier.
VOLTAGE REFERENCE INPUT
A 10 µF (X7R, 0805 size) ceramic chip capacitor is appropriate
for the optimum performance of the reference input.
For higher performance and lower drift, use a reference such as
the ADR4550. Use a low power reference such as the ADR3450
at the expense of a slight decrease in the noise performance. It is
recommended to use a reference buffer such as the ADA4807-1
between the reference and the ADC reference input. It is important
to consider the optimum capacitance necessary to keep the
reference buffer stable as well as to meet the minimum ADC
requirement stated previously in this section (that is, a 10 µF
ceramic chip capacitor, CREF).


Similar Part No. - AD4000_17

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AD4000-10TO SENSORTECHNICS-AD4000-10TO Datasheet
365Kb / 2P
   4000 關m active area
More results

Similar Description - AD4000_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4002 AD-AD4002 Datasheet
599Kb / 36P
   Precision, Pseudo Differential, SAR ADCs
AD4003 AD-AD4003_17 Datasheet
1Mb / 38P
   Precision, Differential SAR ADCs
AD4001 AD-AD4001_17 Datasheet
905Kb / 37P
   Precision, Differential SAR ADCs
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
logo
Analog Devices
AD4020 AD-AD4020 Datasheet
789Kb / 37P
   Precision SAR, Differential ADC
AD4682 AD-AD4682 Datasheet
656Kb / 30P
   Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
AD7380 AD-AD7380 Datasheet
699Kb / 31P
   Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
MT-074 AD-MT-074 Datasheet
255Kb / 5P
   Differential Drivers for Precision ADCs
REV. 0
AD4000 AD-AD4000 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
   18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com