Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD4000 Datasheet(PDF) 12 Page - Analog Devices

Part # AD4000
Description  Precision, Pseudo Differential, SAR ADCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4000 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD4000_17 Datasheet HTML 8Page - Analog Devices AD4000_17 Datasheet HTML 9Page - Analog Devices AD4000_17 Datasheet HTML 10Page - Analog Devices AD4000_17 Datasheet HTML 11Page - Analog Devices AD4000_17 Datasheet HTML 12Page - Analog Devices AD4000_17 Datasheet HTML 13Page - Analog Devices AD4000_17 Datasheet HTML 14Page - Analog Devices AD4000_17 Datasheet HTML 15Page - Analog Devices AD4000_17 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
AD4000/AD4004/AD4008
Data Sheet
Rev. C | Page 12 of 36
50000
0
ADC CODE
5000
10000
15000
20000
25000
30000
35000
40000
45000
VREF = 2.5V
VREF = 5V
Figure 11. Histogram of a DC Input at Code Center, VREF = 2.5 V and VREF = 5 V
0
–180
100
1k
10k
100k
1M
FREQUENCY (Hz)
–160
–140
–120
–100
–80
–60
–40
–20
VREF = 5V
SNR = 92.47dB
THD = –115.10dB
SINAD = 92.41dB
Figure 12. 1 kHz, −0.5 dBFS Input Tone Fast Fourier Transform (FFT),
Wide View, VREF = 5 V
0
–180
1k
10k
100k
1M
FREQUENCY (Hz)
–160
–140
–120
–100
–80
–60
–40
–20
VREF = 5V
SNR = 90.16 dB
THD = –94.52dB
SINAD = 88.33dB
Figure 13. 100 kHz, −0.5 dBFS Input Tone FFT, Wide View
90000
0
ADC CODE
VREF = 2.5V
VREF = 5V
10000
20000
30000
40000
50000
60000
70000
80000
Figure 14. Histogram of a DC Input at Code Transition, VREF = 2.5 V and VREF = 5 V
0
–180
100
1k
10k
100k
1M
FREQUENCY (Hz)
–160
–140
–120
–100
–80
–60
–40
–20
VREF = 2.5V
SNR = 87.54dB
THD = –112.33dB
SINAD = 87.49dB
Figure 15. 1 kHz, −0.5 dBFS Input Tone FFT, Wide View, VREF = 2.5 V
0
–180
1k
10k
100k
1M
FREQUENCY (Hz)
–160
–140
–120
–100
–80
–60
–40
–20
VREF = 5V
SNR = 84.65 dB
THD = –90.80dB
SINAD = 83.89dB
Figure 16. 400 kHz, −0.5 dBFS Input Tone FFT, Wide View


Similar Part No. - AD4000_17

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AD4000-10TO SENSORTECHNICS-AD4000-10TO Datasheet
365Kb / 2P
   4000 關m active area
More results

Similar Description - AD4000_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4002 AD-AD4002 Datasheet
599Kb / 36P
   Precision, Pseudo Differential, SAR ADCs
AD4003 AD-AD4003_17 Datasheet
1Mb / 38P
   Precision, Differential SAR ADCs
AD4001 AD-AD4001_17 Datasheet
905Kb / 37P
   Precision, Differential SAR ADCs
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
logo
Analog Devices
AD4020 AD-AD4020 Datasheet
789Kb / 37P
   Precision SAR, Differential ADC
AD4682 AD-AD4682 Datasheet
656Kb / 30P
   Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
AD7380 AD-AD7380 Datasheet
699Kb / 31P
   Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
MT-074 AD-MT-074 Datasheet
255Kb / 5P
   Differential Drivers for Precision ADCs
REV. 0
AD4000 AD-AD4000 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
   18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com