Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD4000 Datasheet(PDF) 11 Page - Analog Devices

Part # AD4000
Description  Precision, Pseudo Differential, SAR ADCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4000 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD4000_17 Datasheet HTML 7Page - Analog Devices AD4000_17 Datasheet HTML 8Page - Analog Devices AD4000_17 Datasheet HTML 9Page - Analog Devices AD4000_17 Datasheet HTML 10Page - Analog Devices AD4000_17 Datasheet HTML 11Page - Analog Devices AD4000_17 Datasheet HTML 12Page - Analog Devices AD4000_17 Datasheet HTML 13Page - Analog Devices AD4000_17 Datasheet HTML 14Page - Analog Devices AD4000_17 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Data Sheet
AD4000/AD4004/AD4008
Rev. C | Page 11 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 1.71 V to 1.89 V, VIO = 1.71 V to 5.5 V, VREF = 5 V, all specifications TMIN to TMAX, high-Z mode disabled, span compression disabled,
turbo mode enabled, and fS = 2 MSPS for the AD4000, fS = 1 MSPS for the AD4004, and fS = 500 kSPS for the AD4008, unless otherwise noted.
0
65536
CODE
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
8192
16384
24576
32768
40960
49152
57344
+125°C
+25°C
–40°C
Figure 5. INL vs. Code for Various Temperatures, VREF = 5 V
0.3
–0.3
–0.2
–0.1
0
0.1
0.2
0
65536
CODE
8192
16384
24576
32768
40960
49152
57344
+125°C
+25°C
–40°C
Figure 6. INL vs. Code for Various Temperatures, VREF = 2.5 V
0.4
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0
65536
CODE
8192
16384
24576
32768
40960
49152
57344
SPAN COMPRESSION ENABLED
HIGH-Z ENABLED
Figure 7. INL vs. Code, High-Z and Span Compression Modes Enabled,
VREF = 5 V
0.20
–0.20
0
65536
CODE
8192
16384
24576
32768
40960
49152
57344
+125°C
+25°C
–40°C
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
Figure 8. DNL vs. Code for Various Temperatures, VREF = 5 V
0.20
–0.20
0
65536
CODE
8192
16384
24576
32768
40960
49152
57344
+125°C
+25°C
–40°C
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
Figure 9. DNL vs. Code for Various Temperatures, VREF = 2.5 V
0.20
–0.20
0
65536
CODE
8192
16384
24576
32768
40960
49152
57344
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
SPAN COMPRESSION ENABLED
HIGH-Z ENABLED
Figure 10. DNL vs. Code, High-Z and Span Compression Modes Enabled,
VREF = 5 V


Similar Part No. - AD4000_17

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AD4000-10TO SENSORTECHNICS-AD4000-10TO Datasheet
365Kb / 2P
   4000 關m active area
More results

Similar Description - AD4000_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4002 AD-AD4002 Datasheet
599Kb / 36P
   Precision, Pseudo Differential, SAR ADCs
AD4003 AD-AD4003_17 Datasheet
1Mb / 38P
   Precision, Differential SAR ADCs
AD4001 AD-AD4001_17 Datasheet
905Kb / 37P
   Precision, Differential SAR ADCs
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
logo
Analog Devices
AD4020 AD-AD4020 Datasheet
789Kb / 37P
   Precision SAR, Differential ADC
AD4682 AD-AD4682 Datasheet
656Kb / 30P
   Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
AD7380 AD-AD7380 Datasheet
699Kb / 31P
   Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
MT-074 AD-MT-074 Datasheet
255Kb / 5P
   Differential Drivers for Precision ADCs
REV. 0
AD4000 AD-AD4000 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
   18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com