Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD4000 Datasheet(PDF) 10 Page - Analog Devices

Part # AD4000
Description  Precision, Pseudo Differential, SAR ADCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4000 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD4000_17 Datasheet HTML 6Page - Analog Devices AD4000_17 Datasheet HTML 7Page - Analog Devices AD4000_17 Datasheet HTML 8Page - Analog Devices AD4000_17 Datasheet HTML 9Page - Analog Devices AD4000_17 Datasheet HTML 10Page - Analog Devices AD4000_17 Datasheet HTML 11Page - Analog Devices AD4000_17 Datasheet HTML 12Page - Analog Devices AD4000_17 Datasheet HTML 13Page - Analog Devices AD4000_17 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
AD4000/AD4004/AD4008
Data Sheet
Rev. C | Page 10 of 36
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
REF
1
VDD
2
IN+ 3
IN–
4
GND
5
VIO
10
SDI
9
SCK
8
SDO
7
CNV
6
AD4000/
AD4004
TOP VIEW
(Not to Scale)
Figure 3. 10-Lead MSOP Pin Configuration
1
REF
2
VDD
3
IN+
4
IN–
5
GND
10 VIO
9
SDI
8
SCK
7
SDO
6
CNV
AD4000/
AD4004/
AD4008
TOP VIEW
(Not to Scale)
NOTES
1. CONNECT THE EXPOSED PAD TO GND.
THIS CONNECTION IS NOT REQUIRED TO
MEET THE SPECIFIED PERFORMANCE.
Figure 4. 10-Lead LFCSP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
REF
AI
Reference Input Voltage. The VREF range is 2.4 V to 5.1 V. This pin is referred to the GND pin and must be
decoupled closely to the GND pin with a 10 µF, X7R ceramic capacitor.
2
VDD
P
1.8 V Power Supply. The VDD range is 1.71 V to 1.89 V. Bypass VDD to GND with a 0.1 μF ceramic capacitor.
3
IN+
AI
Analog Input. This input is referred to analog ground sense pin (IN−). The device samples the voltage
differential between IN+ and IN− on the leading edge on CNV. The operating input range of IN+ − IN− is
0 V to VREF.
4
IN−
AI
Analog Input Ground Sense. Connect this pin to the analog ground plane or to a remote sense ground.
5
GND
P
Power Supply Ground.
6
CNV
DI
Convert Input. This input has multiple functions. On its leading edge, it initiates the conversions and selects
the interface mode of the device: daisy-chain mode or CS mode. In CS mode, the SDO pin is enabled
when CNV is low. In daisy-chain mode, the data is read when CNV is high.
7
SDO
DO
Serial Data Output. The conversion result is output on this pin. It is synchronized to SCK.
8
SCK
DI
Serial Data Clock Input. When the device is selected, the conversion result is shifted out by this clock.
9
SDI
DI
Serial Data Input. This input provides multiple features. It selects the interface mode of the ADC as follows.
Daisy-chain mode is selected if SDI is low during the CNV rising edge. In this mode, SDI is used as a data
input to daisy-chain the conversion results of two or more ADCs onto a single SDO line. The digital data
level on SDI is output on SDO with a delay of 16 SCK cycles.
CS mode is selected if SDI is high during the CNV rising edge. In this mode, either SDI or CNV can enable
the serial output signals when low. If SDI or CNV is low when the conversion is complete, the busy indicator
feature is enabled. With CNV low, the device can be programmed by clocking in a 16-bit word on SDI on
the rising edge of SCK.
10
VIO
P
Input/Output Interface Digital Power. Nominally, this pin is at the same supply as the host interface (1.8 V,
2.5 V, 3 V, or 5 V). Bypass VIO to GND with a 0.1 μF ceramic capacitor.
N/A2
EPAD
P
Exposed Pad (LFCSP Only). Connect the exposed pad to GND. This connection is not required to meet
the specified performance.
1
AI is analog input, P is power, DI is digital input, and DO is digital output.
2
N/A means not applicable.


Similar Part No. - AD4000_17

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AD4000-10TO SENSORTECHNICS-AD4000-10TO Datasheet
365Kb / 2P
   4000 關m active area
More results

Similar Description - AD4000_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4002 AD-AD4002 Datasheet
599Kb / 36P
   Precision, Pseudo Differential, SAR ADCs
AD4003 AD-AD4003_17 Datasheet
1Mb / 38P
   Precision, Differential SAR ADCs
AD4001 AD-AD4001_17 Datasheet
905Kb / 37P
   Precision, Differential SAR ADCs
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
logo
Analog Devices
AD4020 AD-AD4020 Datasheet
789Kb / 37P
   Precision SAR, Differential ADC
AD4682 AD-AD4682 Datasheet
656Kb / 30P
   Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
AD7380 AD-AD7380 Datasheet
699Kb / 31P
   Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
MT-074 AD-MT-074 Datasheet
255Kb / 5P
   Differential Drivers for Precision ADCs
REV. 0
AD4000 AD-AD4000 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
   18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com