Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD4000 Datasheet(PDF) 8 Page - Analog Devices

Part # AD4000
Description  Precision, Pseudo Differential, SAR ADCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4000 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD4000_17 Datasheet HTML 4Page - Analog Devices AD4000_17 Datasheet HTML 5Page - Analog Devices AD4000_17 Datasheet HTML 6Page - Analog Devices AD4000_17 Datasheet HTML 7Page - Analog Devices AD4000_17 Datasheet HTML 8Page - Analog Devices AD4000_17 Datasheet HTML 9Page - Analog Devices AD4000_17 Datasheet HTML 10Page - Analog Devices AD4000_17 Datasheet HTML 11Page - Analog Devices AD4000_17 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
AD4000/AD4004/AD4008
Data Sheet
Rev. C | Page 8 of 36
Table 3. Register Read/Write Timing
Parameter
Symbol
Min
Typ
Max
Unit
READ/WRITE OPERATION
CNV Pulse Width1
tCNVH
10
ns
SCK Period
tSCK
VIO > 2.7 V
9.8
ns
VIO > 1.7 V
12.3
ns
SCK Low Time
tSCKL
3
ns
SCK High Time
tSCKH
3
ns
READ OPERATION
CNV Low to SDO D15 MSB Valid Delay
tEN
VIO > 2.7 V
10
ns
VIO > 1.7 V
13
ns
SCK Falling Edge to Data Remains Valid
tHSDO
1.5
ns
SCK Falling Edge to Data Valid Delay
tDSDO
VIO > 2.7 V
7.5
ns
VIO > 1.7 V
10.5
ns
CNV Rising Edge to SDO High Impedance
tDIS
20
ns
WRITE OPERATION
SDI Valid Setup Time from SCK Rising Edge
tSSDISCK
2
ns
SDI Valid Hold Time from SCK Rising Edge
tHSDISCK
2
ns
CNV Rising Edge to SCK Edge Hold Time
tHCNVSCK
0
ns
CNV Falling Edge to SCK Active Edge Setup Time
tSCNVSCK
6
ns
1
For turbo mode, tCNVH must match the tQUIET1 minimum.
Table 4. Achievable Throughput for Different Modes of Operation
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
THROUGHPUT, CS MODE
3-Wire and 4-Wire Turbo Mode
fSCK = 100 MHz, VIO ≥ 2.7 V
2
MSPS
fSCK = 80 MHz, VIO < 2.7 V
2
MSPS
3-Wire and 4-Wire Turbo Mode and Six Status Bits
fSCK = 100 MHz, VIO ≥ 2.7 V
2
MSPS
fSCK = 80 MHz, VIO < 2.7 V
1.86
MSPS
3-Wire and 4-Wire Mode
fSCK = 100 MHz, VIO ≥ 2.7 V
1.82
MSPS
fSCK = 80 MHz, VIO < 2.7 V
1.69
MSPS
3-Wire and 4-Wire Mode and Six Status Bits
fSCK = 100 MHz, VIO ≥ 2.7 V
1.64
MSPS
fSCK = 80 MHz, VIO < 2.7 V
1.5
MSPS


Similar Part No. - AD4000_17

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AD4000-10TO SENSORTECHNICS-AD4000-10TO Datasheet
365Kb / 2P
   4000 關m active area
More results

Similar Description - AD4000_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4002 AD-AD4002 Datasheet
599Kb / 36P
   Precision, Pseudo Differential, SAR ADCs
AD4003 AD-AD4003_17 Datasheet
1Mb / 38P
   Precision, Differential SAR ADCs
AD4001 AD-AD4001_17 Datasheet
905Kb / 37P
   Precision, Differential SAR ADCs
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
logo
Analog Devices
AD4020 AD-AD4020 Datasheet
789Kb / 37P
   Precision SAR, Differential ADC
AD4682 AD-AD4682 Datasheet
656Kb / 30P
   Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
AD7380 AD-AD7380 Datasheet
699Kb / 31P
   Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
MT-074 AD-MT-074 Datasheet
255Kb / 5P
   Differential Drivers for Precision ADCs
REV. 0
AD4000 AD-AD4000 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
   18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com