Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP41 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # TIP41
Description  TO-220-3L Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

TIP41 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  TIP41 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd TIP41 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd TIP41 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.1
1
10
10
100
1000
10000
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
1000
0
25
50
75
100
125
150
0
500
1000
1500
2000
2500
0.1
1
10
100
1000
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
1000
0.01
0.1
1
0.1
1
10
100
1000
10
100
01
23
45
0
100
200
300
400
500
100
1000
1
10
100
REVERSE VOLTAGE
V
(V)
C
ob
C
ib
f=1MHz
I
E=0/IC=0
T
a=25
V
CB/ VEB
C
ob/ Cib
——
20
BASE-EMMITER VOLTAGE
V
BE
(V)
I
C
V
BE
COMMON EMITTER
V
CE=4V
AMBIENT TEMPERATURE
T
a
(
)
P
C
—— T
a
6000
COLLECTOR CURRENT
I
C
(mA)
β=10
T
a=100
T
a=25
I
C
V
BEsat
——
6000
COLLECTOR CURRENT
I
C
(mA)
I
C
V
CEsat
——
T
a=100
T
a=25
β=10
6000
200
COLLECTOR CURRENT
I
C
(mA)
6000
COMMON EMITTER
V
CE=4V
T
a=25
T
a=100
I
C
h
FE
——
Typical Characterisitics
TIP41/41A/41B/41C
6mA
5.4mA
4.8mA
4.2mA
3.6mA
3mA
2.4mA
1.8mA
1.2mA
I
B=0.6mA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
COMMON
EMITTER
T
a=25
Static Characteristic
50
COLLECTOR CURRENT
I
C
(mA)
V
CE=10V
T
a=25
I
C
——
f
T
——
www.cj-elec.com
2
D,Nov,2014
Typical Characteristics


Similar Part No. - TIP41

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP41 MOSPEC-TIP41 Datasheet
189Kb / 4P
   POWER TRANSISTORS(6A,40-100V,65W)
logo
Inchange Semiconductor ...
TIP41 ISC-TIP41 Datasheet
166Kb / 4P
   Silicon NPN Power Transistors
logo
Foshan Blue Rocket Elec...
TIP41 FOSHAN-TIP41 Datasheet
1,022Kb / 6P
   Silicon NPN transistor in a TO-220 Plastic Package.
logo
Power Innovations Ltd
TIP41 POINN-TIP41 Datasheet
86Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Central Semiconductor C...
TIP41 CENTRAL-TIP41 Datasheet
344Kb / 2P
   NPN SILICON POWER TRANSISTOR
More results

Similar Description - TIP41

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
TIP127 DGNJDZ-TIP127 Datasheet
1Mb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB507 JIANGSU-2SB507 Datasheet
361Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
2SB861 JIANGSU-2SB861 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SB1185 JIANGSU-2SB1185 Datasheet
549Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
2SA1012 JIANGSU-2SA1012 Datasheet
3Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
TIP42 JIANGSU-TIP42 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SD2137 JIANGSU-2SD2137 Datasheet
624Kb / 2P
   TO-220 -3L Plastic-Encapsulate Transistors
2SD2137A JIANGSU-2SD2137A Datasheet
570Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC2073 DGNJDZ-2SC2073 Datasheet
1,013Kb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SD1762 DGNJDZ-2SD1762 Datasheet
1Mb / 4P
   TO-220-3L Plastic-Encapsulate Transistors
2SB1185 DGNJDZ-2SB1185 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com