Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP41 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # TIP41
Description  TO-220-3L Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

TIP41 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  TIP41 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd TIP41 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd TIP41 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO-220-3L
1. BASE
2. COLLECTOR
3. EMITTER
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-220-3L Plastic-Encapsulate Transistors
TIP41/41A/41B/41C TRANSISTOR (NPN)
FEA TURES
Medium Power Linear Switching Applications
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
TIP41
TIP41A
TIP41B
TIP41C
Unit
VCBO
Collector-Base Voltage
40
60
80
100
V
VCEO
Collector-Emitter Voltage
40
60
80
100
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
6
A
PC
Collector Power Dissipation
2
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-55~+150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Max
Unit
Collector-base breakdown voltage
TIP41
TIP4 1A
TIP41B
TIP41C
V(BR)CBO
IC= 1mA, IE=0
40
60
80
100
V
Collector-emitter breakdown voltage
TIP41
TIP41A
TIP41B
TIP41C
VCEO(sus)
IC= 30mA, IB=0
40
60
80
100
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 1mA, IC=0
5
V
Collector cut-off current
TIP41
TIP4 1A
TIP41B
TIP41C
ICBO
VCB=40V, IE=0
VCB=60V, IE=0
0.4
mA
VCB=80V, IE=0
VCB=100V, IE=0
Collector cut-off current
TIP41/41A
TIP41B/41C
ICEO
VCE= 30V, IB= 0
VCE= 60V, IB= 0
0.7
mA
Emitter cut-off current
IEBO
VEB=5V, IC=0
1
mA
hFE(1)
VCE= 4V, IC= 0.3A
30
DC current gain
hFE(2)
VCE=4 V, IC= 3A
15
75
Collector-emitter saturation voltage
VCE(sat)
IC=6A, IB=0.6A
1.5
V
Base-emitter voltage
VBE(on)
VCE= 4V, IC=6A
2
V
Transition frequency
fT
VCE=10V , IC=0.5A
f =1MHz
3
MHZ
www.cj-elec.com
1
D,Nov,2014


Similar Part No. - TIP41

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP41 MOSPEC-TIP41 Datasheet
189Kb / 4P
   POWER TRANSISTORS(6A,40-100V,65W)
logo
Inchange Semiconductor ...
TIP41 ISC-TIP41 Datasheet
166Kb / 4P
   Silicon NPN Power Transistors
logo
Foshan Blue Rocket Elec...
TIP41 FOSHAN-TIP41 Datasheet
1,022Kb / 6P
   Silicon NPN transistor in a TO-220 Plastic Package.
logo
Power Innovations Ltd
TIP41 POINN-TIP41 Datasheet
86Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Central Semiconductor C...
TIP41 CENTRAL-TIP41 Datasheet
344Kb / 2P
   NPN SILICON POWER TRANSISTOR
More results

Similar Description - TIP41

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
TIP127 DGNJDZ-TIP127 Datasheet
1Mb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB507 JIANGSU-2SB507 Datasheet
361Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
2SB861 JIANGSU-2SB861 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SB1185 JIANGSU-2SB1185 Datasheet
549Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
2SA1012 JIANGSU-2SA1012 Datasheet
3Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
TIP42 JIANGSU-TIP42 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SD2137 JIANGSU-2SD2137 Datasheet
624Kb / 2P
   TO-220 -3L Plastic-Encapsulate Transistors
2SD2137A JIANGSU-2SD2137A Datasheet
570Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC2073 DGNJDZ-2SC2073 Datasheet
1,013Kb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SD1762 DGNJDZ-2SD1762 Datasheet
1Mb / 4P
   TO-220-3L Plastic-Encapsulate Transistors
2SB1185 DGNJDZ-2SB1185 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com