Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z53C80 Datasheet(PDF) 19 Page - Zilog, Inc.

Part # Z53C80
Description  SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z53C80 Datasheet(HTML) 19 Page - Zilog, Inc.

Back Button Z53C80 Datasheet HTML 15Page - Zilog, Inc. Z53C80 Datasheet HTML 16Page - Zilog, Inc. Z53C80 Datasheet HTML 17Page - Zilog, Inc. Z53C80 Datasheet HTML 18Page - Zilog, Inc. Z53C80 Datasheet HTML 19Page - Zilog, Inc. Z53C80 Datasheet HTML 20Page - Zilog, Inc. Z53C80 Datasheet HTML 21Page - Zilog, Inc. Z53C80 Datasheet HTML 22Page - Zilog, Inc. Z53C80 Datasheet HTML 23Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
19
Z53C80 SCSI
ZILOG
PS97SCC0200
READ REGISTERS
Figure 27. Current SCSI Data Register
Figure 28. Initiator Command Register
Figure 29. Mode Register
Figure 30. Target Command Register
Figure 31. Current SCSI Bus Status Register
Figure 32. Bus and Status Register
/DB0
/DB1
/DB2
/DB3
/DB4
/DB5
/DB6
/DB7
Address: 0
(Read Only)
D7 D6 D5 D4 D3 D2 D1 D0
Assert Data Bus
Assert /ATN
Assert /SEL
Assert /BSY
Assert /ACK
Lost Arbitration
Arbitration in Progress
Assert /RST
Address: 1
(Read Only)
D7 D6 D5 D4 D3 D2 D1 D0
Arbitrate
DMA Mode
Monitor /BSY
Enable /EOP Interrupt
Enable Parity Interrupt
Enable Parity Checking
Target Mode
"0"
Address: 2
(Read Only)
D7 D6 D5 D4 D3 D2 D1 D0
Assert I//O
Assert C//D
Assert /MSG
Assert /REQ
"0"
Last Byte Sent
Address: 3
(Read Only)
D7 D6 D5 D4 D3 D2 D1 D0
/DBP
/SEL
I//O
C//D
/MSG
/REQ
/BSY
/RST
Address: 4
(Read Only)
D7 D6 D5 D4 D3 D2 D1 D0
/ACK
/ATN
Busy Error
Phase Match
Interrupt Request Active
Parity Error
DMA Request
End of DMA
D7 D6 D5 D4 D3 D2 D1 D0
Address: 5
(Read Only)


Similar Part No. - Z53C80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
Z530 INTEL-Z530 Datasheet
1,009Kb / 73P
Intel Atom Processor
logo
Zilog, Inc.
Z5380 ZILOG-Z5380 Datasheet
438Kb / 37P
SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Z538001PEC ZILOG-Z538001PEC Datasheet
438Kb / 37P
SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Z538001PSC ZILOG-Z538001PSC Datasheet
438Kb / 37P
SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Z538001VEC ZILOG-Z538001VEC Datasheet
438Kb / 37P
SMALL COMPUTER SYSTEM INTERFACE (SCSI)
More results

Similar Description - Z53C80

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP5380 NSC-DP5380 Datasheet
407Kb / 32P
Asynchronous SCSI Interface (ASI)
logo
Sanyo Semicon Device
LC8945 SANYO-LC8945 Datasheet
175Kb / 7P
SCSI (Small Computer System Interface) Protocol Controller
logo
Advanced Micro Devices
AM33C93A AMD-AM33C93A Datasheet
3Mb / 49P
ENHANCED SCSI BUS INTERFACE CONTROLLER
logo
List of Unclassifed Man...
PCM3430 ETC-PCM3430 Datasheet
59Kb / 11P
Symbios SYM53C895 Small Computer System Integrated chip
logo
Zilog, Inc.
Z5380 ZILOG-Z5380 Datasheet
438Kb / 37P
SMALL COMPUTER SYSTEM INTERFACE (SCSI)
logo
Advanced Micro Devices
AM5380 AMD-AM5380 Datasheet
1Mb / 28P
SCSI Interface Controller
logo
Advantech Co., Ltd.
DPX-E105 ADVANTECH-DPX-E105 Datasheet
1Mb / 2P
Intel짰 ATOM??Industrial Computer System
logo
RHOPOINT COMPONENTS
K3X13HQ RHOPOINT-K3X13HQ Datasheet
176Kb / 1P
Sensor to Computer Interface Modules
logo
PHOENIX CONTACT
5031919 PHOENIX-5031919 Datasheet
130Kb / 11P
Computer Marking System Engraving System CMS-GRAV
logo
EDA Technology Co.,LTD
CM4-MEDIA EDATEC-CM4-MEDIA Datasheet
1Mb / 20P
A SMALL MULTIMEDIA DESKTOP COMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com