Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z53C80 Datasheet(PDF) 16 Page - Zilog, Inc.

Part # Z53C80
Description  SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z53C80 Datasheet(HTML) 16 Page - Zilog, Inc.

Back Button Z53C80 Datasheet HTML 12Page - Zilog, Inc. Z53C80 Datasheet HTML 13Page - Zilog, Inc. Z53C80 Datasheet HTML 14Page - Zilog, Inc. Z53C80 Datasheet HTML 15Page - Zilog, Inc. Z53C80 Datasheet HTML 16Page - Zilog, Inc. Z53C80 Datasheet HTML 17Page - Zilog, Inc. Z53C80 Datasheet HTML 18Page - Zilog, Inc. Z53C80 Datasheet HTML 19Page - Zilog, Inc. Z53C80 Datasheet HTML 20Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
16
Z53C80 SCSI
PS97SCC0200
ZILOG
FUNCTIONAL DESCRIPTION (Continued)
A phase mismatch prevents the recognition of /REQ and
removes the chip from the bus during an Initiator send
operation (/DB7-/DB0 and /DBP will not be driven even
through the Assert Data Bus bit (Initiator Command Register,
bit 0). This may be disabled by resetting the DMA Mode bit
(Note: It is possible for this interrupt to occur when
connected as a Target if another device is driving the
phase lines to a different state).
The proper values for the Bus and Status Register and the
Current SCSI Bus Status Register are displayed in Figures
23 and 24, respectively.
Loss of BSY. If the Monitor Busy bit (bit 2) in the Mode
Register is active, an interrupt is generated if the BSY
signal goes FALSE for at least a bus-settle delay. This
interrupt is disabled by resetting the Monitor Busy bit.
Register values are displayed in Figures 25 and 26.
Figure 25. Bus and Status Register
Figure 26. Current SCSI Bus Status Register
Figure 23. Bus and Status Register
Figure 24. Current SCSI Bus Status Register
D7
D0
/DBP
/SEL
I//O
C//D
/MSQ
/REQ
/BSY
/RST
00
0X
XX00
D7
D0
/ACK
/ATN
Busy Error
Phase Match
Interrupt Request Active
Parity Error
DMA Request
End of DMA
000100
X0
D7
D0
/ACK
/ATN
Busy Error
Phase Match
Interrupt Request Active
Parity Error
DMA Request
End of DMA
0
0
0
1X10
0
D7
D0
/DBP
/SEL
I//O
C//D
/MSQ
/REQ
/BSY
/RST
0
1XXXX
0X


Similar Part No. - Z53C80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
Z530 INTEL-Z530 Datasheet
1,009Kb / 73P
Intel Atom Processor
logo
Zilog, Inc.
Z5380 ZILOG-Z5380 Datasheet
438Kb / 37P
SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Z538001PEC ZILOG-Z538001PEC Datasheet
438Kb / 37P
SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Z538001PSC ZILOG-Z538001PSC Datasheet
438Kb / 37P
SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Z538001VEC ZILOG-Z538001VEC Datasheet
438Kb / 37P
SMALL COMPUTER SYSTEM INTERFACE (SCSI)
More results

Similar Description - Z53C80

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP5380 NSC-DP5380 Datasheet
407Kb / 32P
Asynchronous SCSI Interface (ASI)
logo
Sanyo Semicon Device
LC8945 SANYO-LC8945 Datasheet
175Kb / 7P
SCSI (Small Computer System Interface) Protocol Controller
logo
Advanced Micro Devices
AM33C93A AMD-AM33C93A Datasheet
3Mb / 49P
ENHANCED SCSI BUS INTERFACE CONTROLLER
logo
List of Unclassifed Man...
PCM3430 ETC-PCM3430 Datasheet
59Kb / 11P
Symbios SYM53C895 Small Computer System Integrated chip
logo
Zilog, Inc.
Z5380 ZILOG-Z5380 Datasheet
438Kb / 37P
SMALL COMPUTER SYSTEM INTERFACE (SCSI)
logo
Advanced Micro Devices
AM5380 AMD-AM5380 Datasheet
1Mb / 28P
SCSI Interface Controller
logo
Advantech Co., Ltd.
DPX-E105 ADVANTECH-DPX-E105 Datasheet
1Mb / 2P
Intel짰 ATOM??Industrial Computer System
logo
RHOPOINT COMPONENTS
K3X13HQ RHOPOINT-K3X13HQ Datasheet
176Kb / 1P
Sensor to Computer Interface Modules
logo
PHOENIX CONTACT
5031919 PHOENIX-5031919 Datasheet
130Kb / 11P
Computer Marking System Engraving System CMS-GRAV
logo
EDA Technology Co.,LTD
CM4-MEDIA EDATEC-CM4-MEDIA Datasheet
1Mb / 20P
A SMALL MULTIMEDIA DESKTOP COMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com