Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z53C80 Datasheet(PDF) 12 Page - Zilog, Inc.

Part # Z53C80
Description  SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z53C80 Datasheet(HTML) 12 Page - Zilog, Inc.

Back Button Z53C80 Datasheet HTML 8Page - Zilog, Inc. Z53C80 Datasheet HTML 9Page - Zilog, Inc. Z53C80 Datasheet HTML 10Page - Zilog, Inc. Z53C80 Datasheet HTML 11Page - Zilog, Inc. Z53C80 Datasheet HTML 12Page - Zilog, Inc. Z53C80 Datasheet HTML 13Page - Zilog, Inc. Z53C80 Datasheet HTML 14Page - Zilog, Inc. Z53C80 Datasheet HTML 15Page - Zilog, Inc. Z53C80 Datasheet HTML 16Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
12
Z53C80 SCSI
PS97SCC0200
ZILOG
FUNCTIONAL DESCRIPTION (Continued)
Bus and Status Register.
Address 5 (Read Only). The
Bus and Status Register (Figure 14) is a read-only register
which can be used to monitor the remaining SCSI control
signals not found in the Current SCSI Bus Status Registers
(/ATN and /ACK), as well as six other status bits. The
following describes each bit of the Bus Status Register
individually.
Bit 0.
/ACK. Bit 0 reflects the condition of the SCSI Bus
control signal /ACK. This signal is normally monitored by
the Target device.
Bit 1.
/ATN. Bit 1 reflects the condition of the SCSI Bus
control signal /ATN. This signal is normally monitored by
the Target device.
Bit 4.
Interrupt Request Active. Bit 4 is set if an enabled
interrupt condition occurs. It reflects the current state of the
IRQ output and can be cleared by reading the Reset Parity/
Interrupt Register.
Bit 5.
Parity Error. Bit 5 is set if a parity error occurs during
a data receive or a device selection. The Parity Error bit can
only be set (1) if the Enable Parity Check bit (Mode
Register, bit 5) is active (1). This bit may be cleared by
reading the Reset Parity/Interrupt Register.
Bit 6.
DMA Request. The DMA Request bit allows the CPU
to sample the output pin DRQ. DRQ can be cleared by
asserting /DACK or by resetting the DMA MODE bit (bit 1)
in the Mode Register. The DRQ signal does not reset when
a phase-mismatch interrupt occurs.
Bit 7.
End Of DMA Transfer. The End Of DMA Transfer bit
is set if /EOP, /DACK, and either /RD or /WR are
simultaneously active for at least 100 ns. Since the /EOP
signal can occur during the last byte sent to the Output
Data Register, the /REQ and /ACK signals should be
monitored to ensure that the last byte has been transferred.
This bit is reset when the DMA MODE bit is reset (0) in the
Mode Register.
DMA Registers. Three write-only registers are used to
initiate all DMA activity. They are: Start DMA Send, Start
DMA Target Receive, and Start DMA Initiator Receive.
Performing a write operation into one of these registers
starts the desired type of DM transfer. Data presented to
the SCSI on signals D7-D0 during the register write is
meaningless and has no effect on the operation. Prior to
writing these registers, the DMA Mode bit (bit 1), and the
Target mode bit (bit 6) in the Mode Register must be
appropriately set. The individual registers are briefly
described as follows:
Start DMA Send.
Address 5 (Write Only). This register is
written to initiate a DMA send, from the DMA to the SCSI
Bus, for either Initiator or Target role operations. The DMA
Mode bit (Mode Register, bit 1) is set prior to writing this
register.
Start DMA Target Receive.
Address 6 (Write Only). This
register is written to initiate a DMA receive - from the SCSI
Bus to the DMA, for Target operation only. The DMA Mode
bit (bit 1) and the Targetmode bit (bit 6) in the Mode
Register must both be set (1) prior to writing this register.
/ACK
/ATN
Busy Error
Phase Match
Interrupt Request Active
Parity Error
DMA Request
End of DMA
Address: 5
(Read Only)
D7 D6 D5 D4 D3 D2 D1 D0
Figure 14. Bus and Status Register
Bit 2. Busy Error. The Busy Error bit is active if an unexpected
loss of the /BSY signal has occurred. This latch is set
whenever the Monitor Busy bit (Mode Register, bit 2) is
True and /BSY is False. An unexpected loss of /BSY
disables any SCSI outputs and resets the DMA Mode bit
(Mode Register, bit 1).
Bit 3.
Phase Match. The SCSI signals /MSG, C//D, and
I//O, represent the current information transfer phase. The
Phase Match bit indicates whether the current SCSI Bus
phase matches the lower three bits of the Target Command
Register. Phase Match is continuously updated and is only
significant when operating as a Bus Initiator. A phase
match is required for data transfers to occur on the SCSI
Bus.


Similar Part No. - Z53C80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
Z530 INTEL-Z530 Datasheet
1,009Kb / 73P
Intel Atom Processor
logo
Zilog, Inc.
Z5380 ZILOG-Z5380 Datasheet
438Kb / 37P
SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Z538001PEC ZILOG-Z538001PEC Datasheet
438Kb / 37P
SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Z538001PSC ZILOG-Z538001PSC Datasheet
438Kb / 37P
SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Z538001VEC ZILOG-Z538001VEC Datasheet
438Kb / 37P
SMALL COMPUTER SYSTEM INTERFACE (SCSI)
More results

Similar Description - Z53C80

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP5380 NSC-DP5380 Datasheet
407Kb / 32P
Asynchronous SCSI Interface (ASI)
logo
Sanyo Semicon Device
LC8945 SANYO-LC8945 Datasheet
175Kb / 7P
SCSI (Small Computer System Interface) Protocol Controller
logo
Advanced Micro Devices
AM33C93A AMD-AM33C93A Datasheet
3Mb / 49P
ENHANCED SCSI BUS INTERFACE CONTROLLER
logo
List of Unclassifed Man...
PCM3430 ETC-PCM3430 Datasheet
59Kb / 11P
Symbios SYM53C895 Small Computer System Integrated chip
logo
Zilog, Inc.
Z5380 ZILOG-Z5380 Datasheet
438Kb / 37P
SMALL COMPUTER SYSTEM INTERFACE (SCSI)
logo
Advanced Micro Devices
AM5380 AMD-AM5380 Datasheet
1Mb / 28P
SCSI Interface Controller
logo
Advantech Co., Ltd.
DPX-E105 ADVANTECH-DPX-E105 Datasheet
1Mb / 2P
Intel짰 ATOM??Industrial Computer System
logo
RHOPOINT COMPONENTS
K3X13HQ RHOPOINT-K3X13HQ Datasheet
176Kb / 1P
Sensor to Computer Interface Modules
logo
PHOENIX CONTACT
5031919 PHOENIX-5031919 Datasheet
130Kb / 11P
Computer Marking System Engraving System CMS-GRAV
logo
EDA Technology Co.,LTD
CM4-MEDIA EDATEC-CM4-MEDIA Datasheet
1Mb / 20P
A SMALL MULTIMEDIA DESKTOP COMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com