Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z53C80 Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z53C80
Description  SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z53C80 Datasheet(HTML) 1 Page - Zilog, Inc.

  Z53C80 Datasheet HTML 1Page - Zilog, Inc. Z53C80 Datasheet HTML 2Page - Zilog, Inc. Z53C80 Datasheet HTML 3Page - Zilog, Inc. Z53C80 Datasheet HTML 4Page - Zilog, Inc. Z53C80 Datasheet HTML 5Page - Zilog, Inc. Z53C80 Datasheet HTML 6Page - Zilog, Inc. Z53C80 Datasheet HTML 7Page - Zilog, Inc. Z53C80 Datasheet HTML 8Page - Zilog, Inc. Z53C80 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1
Z53C80 SCSI
ZILOG
PS97SCC0200
FEATURES
PRODUCT SPECIFICATION
Z53C80
SMALL COMPUTER
SYSTEM INTERFACE (SCSI)
s
Asynchronous Interface (Supports 3 MB/s)
s
Direct SCSI Bus Interface with On-Board 48 mA Drivers
s
Supports Target and Initiator Roles
s
Meets SCSI Protocol as Defined in ANSI X3.131-1986
Standard
s
Added “Glitch Eater” Enhancement to Minimize Bus
Reflection
® Apple Macintosh is a registered trademark of Apple Computer, Inc.
s
Pin Compatible with the Industry Standard 5380
s
44-Pin PLCC or 48-Pin DIP Package Styles
s
DMA or Programmed I/O Data Transfers
s
Arbitration Support
s
Supports Normal or Block Mode DMA
s
Memory or I/O Mapped CPU Interface
GENERAL DESCRIPTION
The Z53C80 SCSI (Small Computer System Interface)
controller is designed to implement the SCSI protocol as
defined by the ANSI X3.131-1986 standard, and it is fully
compatible with the industry standard 5380. The device is
capable of operating both as a Target and as an Initiator.
Special high-current open-drain outputs enable it to directly
interface to the SCSI bus. The Z53C80 has the necessary
interface hook-ups which allow the system CPU to
communicate with it as with any other peripheral device.
The CPU can read from, or write to, the SCSI registers
which are addressed as standard or memory-mapped
I/Os.
The Z53C80 increases the system performance by
minimizing the CPU intervention in DMA operations which
the SCSI controls. The CPU is interrupted by the SCSI
when it detects a bus condition that requires attention. It
also supports arbitration and reselection. The Z53C80 has
the proper handshake signals to support normal and block
mode DMA operations with most DMA controllers available.
The added enhancement known as the “Glitch Eater” is
used to minimize effects of bus reflection on improperly
terminated SCSI bus applications. The high frequency
reflections that can occur on the SCSI bus are filtered out,
reducing the sensitivity of the inputs, specifically /REQ and
/ACK to bus signal reflections. Figure 1 shows a worst case
input waveform (labeled A), along with the filtered input
(labeled B) and the output of a Schmitt trigger used to
provide the hysteresis required on SCSI inputs (labeled
C). This enhancement is a requirement for the device to
function properly in a Apple Macintosh® environment.
Notes:
All Signals with a preceding front slash, "/", are active Low, e.g.,
B//W (WORD is active Low); /B/W (BYTE is active Low, only).
Power connections follow conventional descriptions below:
Connection
Circuit
Device
Power
V
CC
V
DD
Ground
GND
V
SS


Similar Part No. - Z53C80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
Z530 INTEL-Z530 Datasheet
1,009Kb / 73P
Intel Atom Processor
logo
Zilog, Inc.
Z5380 ZILOG-Z5380 Datasheet
438Kb / 37P
SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Z538001PEC ZILOG-Z538001PEC Datasheet
438Kb / 37P
SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Z538001PSC ZILOG-Z538001PSC Datasheet
438Kb / 37P
SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Z538001VEC ZILOG-Z538001VEC Datasheet
438Kb / 37P
SMALL COMPUTER SYSTEM INTERFACE (SCSI)
More results

Similar Description - Z53C80

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z5380 ZILOG-Z5380 Datasheet
438Kb / 37P
SMALL COMPUTER SYSTEM INTERFACE (SCSI)
logo
Sanyo Semicon Device
LC8945 SANYO-LC8945 Datasheet
175Kb / 7P
SCSI (Small Computer System Interface) Protocol Controller
logo
List of Unclassifed Man...
PCM3430 ETC-PCM3430 Datasheet
59Kb / 11P
Symbios SYM53C895 Small Computer System Integrated chip
logo
Advanced Micro Devices
AM5380 AMD-AM5380 Datasheet
1Mb / 28P
SCSI Interface Controller
logo
National Semiconductor ...
DP5380 NSC-DP5380 Datasheet
407Kb / 32P
Asynchronous SCSI Interface (ASI)
logo
Advanced Micro Devices
AM33C93A AMD-AM33C93A Datasheet
3Mb / 49P
ENHANCED SCSI BUS INTERFACE CONTROLLER
logo
PHOENIX CONTACT
5031919 PHOENIX-5031919 Datasheet
130Kb / 11P
Computer Marking System Engraving System CMS-GRAV
logo
Advantech Co., Ltd.
DPX-E105 ADVANTECH-DPX-E105 Datasheet
1Mb / 2P
Intel짰 ATOM??Industrial Computer System
logo
EDA Technology Co.,LTD
CM4-MEDIA EDATEC-CM4-MEDIA Datasheet
1Mb / 20P
A SMALL MULTIMEDIA DESKTOP COMPUTER
logo
RHOPOINT COMPONENTS
K3X13HQ RHOPOINT-K3X13HQ Datasheet
176Kb / 1P
Sensor to Computer Interface Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com