Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z53C80 Datasheet(PDF) 9 Page - Zilog, Inc.

Part # Z53C80
Description  SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z53C80 Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button Z53C80 Datasheet HTML 5Page - Zilog, Inc. Z53C80 Datasheet HTML 6Page - Zilog, Inc. Z53C80 Datasheet HTML 7Page - Zilog, Inc. Z53C80 Datasheet HTML 8Page - Zilog, Inc. Z53C80 Datasheet HTML 9Page - Zilog, Inc. Z53C80 Datasheet HTML 10Page - Zilog, Inc. Z53C80 Datasheet HTML 11Page - Zilog, Inc. Z53C80 Datasheet HTML 12Page - Zilog, Inc. Z53C80 Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
9
Z53C80 SCSI
ZILOG
PS97SCC0200
The following paragraphs describe the operation of all bits
in the Initiator Command Register.
Bit 0.
Assert Data Bus. The Assert Data Bus bit, when set,
allows the contents of the Output Data Register to be
enabled as chip outputs on the signals /DB7-/DB0. Parity
is also generated and asserted on /DBP.
When connected as an Initiator, the outputs are only
enabled if the Target Mode bit (Mode Register, bit 6) is
False, the received signal I//O is False, and the phase
signals C//D, I//O, and /MSG match the contents of the
Assert C//O, Assert I//O and Assert /MSG in the Target
Command Register.
This bit should also be set during DMA send operations.
Bit 1.
Assert/ATN/. Bit 1 may be asserted on the SCSI Bus
by setting this bit to a 1 if the Target Mode bit (Mode
Register, bit 6) is False, /ATN is normally asserted by the
initiator to request a Message Out bus phase. Note that
since Assert/SEL and Assert/ATN are in the same register,
a select with /ATN may be implemented with one CPU write
/ATN may be deasserted by resetting this bit to zero. A
read on this register simply reflects the status of this bit.
Bit 2.
Assert/SEL. Writing a 1 into this bit position asserts
/SEL onto the SCSI Bus. /SEL is normally asserted after
Arbitration has been successfully completed /SEL may be
disabled by resetting bit 2 to a 0. A read of this register
reflects the status of this bit.
Bit 3.
Assert/BSY. Writing a 1 into this bit position asserts
/BSY onto the SCSI Bus. Conversely, a 0 resets the /BSY
signal. Asserting /BSY indicates a successful selection or
reselection. Resetting this bit creates a Bus-Disconnect
condition. Reading this register reflects bit status.
Bit 4.
Assert/ACK. Bit 4 is used by the bus initiator to assert
/ACK on the SCSI Bus. In order to assert /ACK, the Target
Mode bit (Mode Register, bit 6) must be False. Writing a
zero to this bit deasserts /ACK. Reading this register
reflects bit status.
Bit 5.
“0” (Write Bit). Bit 5 should be written with a 0 for
proper operation.
Bit 5.
LA (Lost Arbitration - Read Bit). Bit 5, when active,
indicates that the SCSI detected a Bus-Free condition,
arbitrated for use of the bus by asserting /BSY and its ID on
the Data Bus, and lost Arbitration due to /SEL being
asserted by another bus device. This bit is active only
when the Arbitrate bit (Mode Register, bit 0) is active.
Bit 6.
Test Mode (Write Bit). Bit 6 is written during a test
environment to place all output drivers, in the high
impedance state.
Bit 6.
AIP (Arbitration in Process - Read Bit). Bit 6 is used
to determine if Arbitration is in progress. For this bit to be
active, the Arbitrate bit (Mode Register, bit 0) must have
been set previously. It indicates that a Bus-Free condition
has been detected and that the chip has asserted /BSY
and put the contents of the Output Data Register onto the
SCSI Bus. AIP will remain active until the Arbitrate bit is
reset.
Bit 7.
Assert/RST. Whenever a one is written to bit 7 of the
Initiator Command Register, the /RST signal is asserted on
the SCSI Bus. The /RST signal will remain asserted until this
bit is reset or until an external /RESET occurs. After this bit
is set (1), IRQ goes active and all internal logic and control
registers are reset (except for the interrupt latch and the
Assert/RST bit). Writing a zero to bit 7 of the Initiator
Command Register deasserts the /RST signal. The status
of this bit is monitored by reading the Initiator Command
Register.
Mode Register.
Address 2
(Read/Write). The Mode
Register controls the operation of the chip. This register
determines whether the SCSI operates as an Initiator or a
Target, whether DMA transfers are being used, whether
parity is checked, and whether interrupts are generated on
various external conditions. This register is read to check
the value of these internal control bits (Figure 10).
Arbitrate
DMA Mode
Monitor /BSY
Enable /EOP Interrupt
Enable Parity Interrupt
Enable Parity Checking
Target Mode
"0"
Address: 2
(Read/Write)
D7 D6 D5 D4 D3 D2 D1 D0
Figure 10. Mode Register


Similar Part No. - Z53C80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
Z530 INTEL-Z530 Datasheet
1,009Kb / 73P
Intel Atom Processor
logo
Zilog, Inc.
Z5380 ZILOG-Z5380 Datasheet
438Kb / 37P
SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Z538001PEC ZILOG-Z538001PEC Datasheet
438Kb / 37P
SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Z538001PSC ZILOG-Z538001PSC Datasheet
438Kb / 37P
SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Z538001VEC ZILOG-Z538001VEC Datasheet
438Kb / 37P
SMALL COMPUTER SYSTEM INTERFACE (SCSI)
More results

Similar Description - Z53C80

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z5380 ZILOG-Z5380 Datasheet
438Kb / 37P
SMALL COMPUTER SYSTEM INTERFACE (SCSI)
logo
Sanyo Semicon Device
LC8945 SANYO-LC8945 Datasheet
175Kb / 7P
SCSI (Small Computer System Interface) Protocol Controller
logo
List of Unclassifed Man...
PCM3430 ETC-PCM3430 Datasheet
59Kb / 11P
Symbios SYM53C895 Small Computer System Integrated chip
logo
Advanced Micro Devices
AM5380 AMD-AM5380 Datasheet
1Mb / 28P
SCSI Interface Controller
logo
National Semiconductor ...
DP5380 NSC-DP5380 Datasheet
407Kb / 32P
Asynchronous SCSI Interface (ASI)
logo
Advanced Micro Devices
AM33C93A AMD-AM33C93A Datasheet
3Mb / 49P
ENHANCED SCSI BUS INTERFACE CONTROLLER
logo
PHOENIX CONTACT
5031919 PHOENIX-5031919 Datasheet
130Kb / 11P
Computer Marking System Engraving System CMS-GRAV
logo
Advantech Co., Ltd.
DPX-E105 ADVANTECH-DPX-E105 Datasheet
1Mb / 2P
Intel짰 ATOM??Industrial Computer System
logo
EDA Technology Co.,LTD
CM4-MEDIA EDATEC-CM4-MEDIA Datasheet
1Mb / 20P
A SMALL MULTIMEDIA DESKTOP COMPUTER
logo
RHOPOINT COMPONENTS
K3X13HQ RHOPOINT-K3X13HQ Datasheet
176Kb / 1P
Sensor to Computer Interface Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com