Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGTH60TK65D Datasheet(PDF) 11 Page - Rohm

Part # RGTH60TK65D
Description  650V 30A Field Stop Trench IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGTH60TK65D Datasheet(HTML) 11 Page - Rohm

Back Button RGTH60TK65D Datasheet HTML 5Page - Rohm RGTH60TK65D Datasheet HTML 6Page - Rohm RGTH60TK65D Datasheet HTML 7Page - Rohm RGTH60TK65D Datasheet HTML 8Page - Rohm RGTH60TK65D Datasheet HTML 9Page - Rohm RGTH60TK65D Datasheet HTML 10Page - Rohm RGTH60TK65D Datasheet HTML 11Page - Rohm RGTH60TK65D Datasheet HTML 12Page - Rohm RGTH60TK65D Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Data Sheet
RGTH60TK65D
lInductive Load Switching Circuit and Waveform
VG
D.U.T.
D.U.T.
t
r
t
off
10%
90%
t
f
t
d(on)
t
d(off)
Gate Drive Time
V
CE(sat)
10%
90%
t
on
V
GE
I
C
V
CE
E
on
10%
E
off
I
F
di
F/dt
I
rr
t
rr , Qrr
Fig.23 Inductive Load Circuit
Fig.24 Inductive Load Waveform
Fig.25 Diode Reverce Recovery Waveform
11/11
2016.01 - Rev.A


Similar Part No. - RGTH60TK65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGTH60TK65 ROHM-RGTH60TK65 Datasheet
743Kb / 11P
650V 30A Field Stop Trench IGBT
More results

Similar Description - RGTH60TK65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGT60TS65D ROHM-RGT60TS65D Datasheet
731Kb / 12P
650V 30A Field Stop Trench IGBT
RGTH60TS65D ROHM-RGTH60TS65D Datasheet
731Kb / 12P
650V 30A Field Stop Trench IGBT
TGTH60TS65 ROHM-TGTH60TS65 Datasheet
683Kb / 10P
650V 30A Field Stop Trench IGBT
RGCL60TK60 ROHM-RGCL60TK60 Datasheet
759Kb / 11P
650V 30A Field Stop Trench IGBT
RGS60TS65D ROHM-RGS60TS65D Datasheet
901Kb / 13P
650V 30A Field Stop Trench IGBT
RGTH60TK65 ROHM-RGTH60TK65 Datasheet
743Kb / 11P
650V 30A Field Stop Trench IGBT
RGTH60TS65 ROHM-RGTH60TS65 Datasheet
1Mb / 11P
650V 30A Field Stop Trench IGBT
RGTV60TS65 ROHM-RGTV60TS65 Datasheet
1Mb / 11P
650V 30A Field Stop Trench IGBT
RGTV60TS65D ROHM-RGTV60TS65D Datasheet
1Mb / 13P
650V 30A Field Stop Trench IGBT
RGTV60TK65 ROHM-RGTV60TK65 Datasheet
1Mb / 10P
650V 30A Field Stop Trench IGBT
2017.10 - Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com