Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGT40NL65D Datasheet(PDF) 1 Page - Rohm

Part # RGT40NL65D
Description  650V 20A Field Stop Trench IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGT40NL65D Datasheet(HTML) 1 Page - Rohm

  RGT40NL65D Datasheet HTML 1Page - Rohm RGT40NL65D Datasheet HTML 2Page - Rohm RGT40NL65D Datasheet HTML 3Page - Rohm RGT40NL65D Datasheet HTML 4Page - Rohm RGT40NL65D Datasheet HTML 5Page - Rohm RGT40NL65D Datasheet HTML 6Page - Rohm RGT40NL65D Datasheet HTML 7Page - Rohm RGT40NL65D Datasheet HTML 8Page - Rohm RGT40NL65D Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.rohm.com
© 2017 ROHM Co., Ltd. All rights reserved.
Datasheet
RGT40NL65D
650V 20A Field Stop Trench IGBT
*1 Pulse width limited by Tjmax.
Operating Junction Temperature
Tj
40 to +175
°C
Storage Temperature
Tstg
55 to +175
°C
Diode Pulsed Forward Current
IFP
*1
60
A
Power Dissipation
TC = 25°C
PD
161
W
TC = 100°C
PD
70
W
60
A
Diode Forward Current
TC = 25°C
IF
35
A
TC = 100°C
IF
20
A
Pulsed Collector Current
ICP
*1
Outline
VCES
650V
LPDL (TO-263L)
IC(100°C)
20A
VCE(sat) (Typ.)
1.65V
PD
161W
Features
Inner Circuit
1) Low Collector - Emitter Saturation Voltage
2) Low Switching Loss
3) Short Circuit Withstand Time 5μs
4) Built in Very Fast & Soft Recovery FRD
(RFN - Series)
5) Pb - free Lead Plating ; RoHS Compliant
Packaging Specifications
Applications
Type
Packaging
Taping
General Inverter
Reel Size (mm)
330
UPS
Tape Width (mm)
24
Power Conditioner
Basic Ordering Unit (pcs)
1,000
Welder
Packing Code
TL
Marking
RGT40NL65D
Absolute Maximum Ratings (at TC = 25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Collector - Emitter Voltage
VCES
650
V
Gate - Emitter Voltage
VGES
30
V
Collector Current
TC = 25°C
IC
40
A
TC = 100°C
IC
20
A
(1) Gate
(2) Collector
(3) Emitter
*1
*1 Built in FRD
(1)
(2)
(3)
(1)
(2)
(3)
1/11
2017.05 - Rev.A


Similar Part No. - RGT40NL65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGT40NS65D ROHM-RGT40NS65D Datasheet
845Kb / 12P
650V 20A Field Stop Trench IGBT
More results

Similar Description - RGT40NL65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGT40TS65D ROHM-RGT40TS65D Datasheet
733Kb / 12P
650V 20A Field Stop Trench IGBT
RGT40NS65D ROHM-RGT40NS65D Datasheet
845Kb / 12P
650V 20A Field Stop Trench IGBT
RGTH40TS65D ROHM-RGTH40TS65D Datasheet
729Kb / 12P
650V 20A Field Stop Trench IGBT
RGTH40TK65D ROHM-RGTH40TK65D Datasheet
880Kb / 13P
650V 20A Field Stop Trench IGBT
RGT40TM65D ROHM-RGT40TM65D Datasheet
1Mb / 13P
650V 20A Field Stop Trench IGBT
RGTH40TK65 ROHM-RGTH40TK65 Datasheet
738Kb / 11P
650V 20A Field Stop Trench IGBT
RGTH40TS65 ROHM-RGTH40TS65 Datasheet
617Kb / 10P
650V 20A Field Stop Trench IGBT
RGS00TS65D ROHM-RGS00TS65D Datasheet
976Kb / 13P
650V 50A Field Stop Trench IGBT
RGTH60TS65 ROHM-RGTH60TS65 Datasheet
1Mb / 11P
650V 30A Field Stop Trench IGBT
RGTV00TS65 ROHM-RGTV00TS65 Datasheet
1Mb / 11P
650V 50A Field Stop Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com