Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGT40NL65D Datasheet(PDF) 13 Page - Rohm

Part # RGT40NL65D
Description  650V 20A Field Stop Trench IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGT40NL65D Datasheet(HTML) 13 Page - Rohm

Back Button RGT40NL65D Datasheet HTML 5Page - Rohm RGT40NL65D Datasheet HTML 6Page - Rohm RGT40NL65D Datasheet HTML 7Page - Rohm RGT40NL65D Datasheet HTML 8Page - Rohm RGT40NL65D Datasheet HTML 9Page - Rohm RGT40NL65D Datasheet HTML 10Page - Rohm RGT40NL65D Datasheet HTML 11Page - Rohm RGT40NL65D Datasheet HTML 12Page - Rohm RGT40NL65D Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Datasheet
Part Number
RGT40NL65D
Package
LPDL
Unit Quantity
1000
Minimum Package Quantity
1000
Packing Type
Taping
Constitution Materials List
inquiry
RoHS
Yes
RGT40NL65D - Web Page


Similar Part No. - RGT40NL65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGT40NS65D ROHM-RGT40NS65D Datasheet
845Kb / 12P
   650V 20A Field Stop Trench IGBT
More results

Similar Description - RGT40NL65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGT40TS65D ROHM-RGT40TS65D Datasheet
733Kb / 12P
   650V 20A Field Stop Trench IGBT
RGT40NS65D ROHM-RGT40NS65D Datasheet
845Kb / 12P
   650V 20A Field Stop Trench IGBT
RGTH40TS65D ROHM-RGTH40TS65D Datasheet
729Kb / 12P
   650V 20A Field Stop Trench IGBT
RGTH40TK65D ROHM-RGTH40TK65D Datasheet
880Kb / 13P
   650V 20A Field Stop Trench IGBT
RGT40TM65D ROHM-RGT40TM65D Datasheet
1Mb / 13P
   650V 20A Field Stop Trench IGBT
RGTH40TK65 ROHM-RGTH40TK65 Datasheet
738Kb / 11P
   650V 20A Field Stop Trench IGBT
RGTH40TS65 ROHM-RGTH40TS65 Datasheet
617Kb / 10P
   650V 20A Field Stop Trench IGBT
RGS00TS65D ROHM-RGS00TS65D Datasheet
976Kb / 13P
   650V 50A Field Stop Trench IGBT
RGTH60TS65 ROHM-RGTH60TS65 Datasheet
1Mb / 11P
   650V 30A Field Stop Trench IGBT
RGTV00TS65 ROHM-RGTV00TS65 Datasheet
1Mb / 11P
   650V 50A Field Stop Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com