Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGT16TM65D Datasheet(PDF) 2 Page - Rohm

Part # RGT16TM65D
Description  650V 8A Field Stop Trench IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGT16TM65D Datasheet(HTML) 2 Page - Rohm

  RGT16TM65D Datasheet HTML 1Page - Rohm RGT16TM65D Datasheet HTML 2Page - Rohm RGT16TM65D Datasheet HTML 3Page - Rohm RGT16TM65D Datasheet HTML 4Page - Rohm RGT16TM65D Datasheet HTML 5Page - Rohm RGT16TM65D Datasheet HTML 6Page - Rohm RGT16TM65D Datasheet HTML 7Page - Rohm RGT16TM65D Datasheet HTML 8Page - Rohm RGT16TM65D Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.rohm.com
© 2017 ROHM Co., Ltd. All rights reserved.
Datasheet
RGT16TM65D
Thermal Resistance
IGBT Electrical Characteristics
(at Tj = 25°C unless otherwise specified)
Collector - Emitter Saturation
Voltage
Unit
Min.
Typ.
Max.
Thermal Resistance IGBT Junction - Case
Rθ(j-c)
-
-
6.53
°C/W
Parameter
Symbol
Values
°C/W
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Thermal Resistance Diode Junction - Case
Rθ(j-c)
-
-
6.70
--
V
Collector Cut - off Current
ICES
VCE = 650V, VGE = 0V
--
10
μA
Collector - Emitter Breakdown
Voltage
BVCES IC = 10μA, VGE = 0V
650
-
200
nA
Gate - Emitter Threshold
Voltage
VGE(th) VCE = 5V, IC = 5.5mA
5.0
6.0
7.0
V
Gate - Emitter Leakage Current
IGES
VGE = 30V, VCE = 0V
-
VCE(sat)
IC = 8A, VGE = 15V
V
Tj = 25°C
-
1.65
2.1
Tj = 175°C
-
2.15
-
2/11
2017.05 - Rev.A


Similar Part No. - RGT16TM65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGT16BM65D ROHM-RGT16BM65D Datasheet
943Kb / 13P
650V 8A Field Stop Trench IGBT
RGT16NL65D ROHM-RGT16NL65D Datasheet
1Mb / 13P
650V 8A Field Stop Trench IGBT
RGT16NS65D ROHM-RGT16NS65D Datasheet
846Kb / 12P
650V 8A Field Stop Trench IGBT
More results

Similar Description - RGT16TM65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGT16NL65D ROHM-RGT16NL65D Datasheet
1Mb / 13P
650V 8A Field Stop Trench IGBT
RGT16BM65D ROHM-RGT16BM65D Datasheet
943Kb / 13P
650V 8A Field Stop Trench IGBT
RGT16NS65D ROHM-RGT16NS65D Datasheet
846Kb / 12P
650V 8A Field Stop Trench IGBT
RGT40TS65D ROHM-RGT40TS65D Datasheet
733Kb / 12P
650V 20A Field Stop Trench IGBT
RGS00TS65D ROHM-RGS00TS65D Datasheet
976Kb / 13P
650V 50A Field Stop Trench IGBT
RGTH60TS65 ROHM-RGTH60TS65 Datasheet
1Mb / 11P
650V 30A Field Stop Trench IGBT
RGTV00TS65 ROHM-RGTV00TS65 Datasheet
1Mb / 11P
650V 50A Field Stop Trench IGBT
RGT30NS65D ROHM-RGT30NS65D Datasheet
789Kb / 12P
650V 15A Field Stop Trench IGBT
RGT40NS65D ROHM-RGT40NS65D Datasheet
845Kb / 12P
650V 20A Field Stop Trench IGBT
RGTH60TK65D ROHM-RGTH60TK65D Datasheet
885Kb / 13P
650V 30A Field Stop Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com