Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGT16BM65D Datasheet(PDF) 13 Page - Rohm

Part # RGT16BM65D
Description  650V 8A Field Stop Trench IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGT16BM65D Datasheet(HTML) 13 Page - Rohm

Back Button RGT16BM65D Datasheet HTML 5Page - Rohm RGT16BM65D Datasheet HTML 6Page - Rohm RGT16BM65D Datasheet HTML 7Page - Rohm RGT16BM65D Datasheet HTML 8Page - Rohm RGT16BM65D Datasheet HTML 9Page - Rohm RGT16BM65D Datasheet HTML 10Page - Rohm RGT16BM65D Datasheet HTML 11Page - Rohm RGT16BM65D Datasheet HTML 12Page - Rohm RGT16BM65D Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Datasheet
Part Number
RGT16BM65D
Package
TO-252
Unit Quantity
2500
Minimum Package Quantity
2500
Packing Type
Taping
Constitution Materials List
inquiry
RoHS
Yes
RGT16BM65D - Web Page


Similar Part No. - RGT16BM65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGT16NL65D ROHM-RGT16NL65D Datasheet
1Mb / 13P
650V 8A Field Stop Trench IGBT
RGT16NS65D ROHM-RGT16NS65D Datasheet
846Kb / 12P
650V 8A Field Stop Trench IGBT
RGT16TM65D ROHM-RGT16TM65D Datasheet
1Mb / 13P
650V 8A Field Stop Trench IGBT
More results

Similar Description - RGT16BM65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGT16NS65D ROHM-RGT16NS65D Datasheet
846Kb / 12P
650V 8A Field Stop Trench IGBT
RGT30NS65D ROHM-RGT30NS65D Datasheet
789Kb / 12P
650V 15A Field Stop Trench IGBT
RGT40NS65D ROHM-RGT40NS65D Datasheet
845Kb / 12P
650V 20A Field Stop Trench IGBT
RGT40TS65D ROHM-RGT40TS65D Datasheet
733Kb / 12P
650V 20A Field Stop Trench IGBT
RGS00TS65D ROHM-RGS00TS65D Datasheet
976Kb / 13P
650V 50A Field Stop Trench IGBT
RGT16NL65D ROHM-RGT16NL65D Datasheet
1Mb / 13P
650V 8A Field Stop Trench IGBT
RGT16TM65D ROHM-RGT16TM65D Datasheet
1Mb / 13P
650V 8A Field Stop Trench IGBT
RGTH60TK65D ROHM-RGTH60TK65D Datasheet
885Kb / 13P
650V 30A Field Stop Trench IGBT
RGTH60TS65 ROHM-RGTH60TS65 Datasheet
1Mb / 11P
650V 30A Field Stop Trench IGBT
RGTV00TS65 ROHM-RGTV00TS65 Datasheet
1Mb / 11P
650V 50A Field Stop Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com