Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGT16BM65D Datasheet(PDF) 11 Page - Rohm

Part # RGT16BM65D
Description  650V 8A Field Stop Trench IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGT16BM65D Datasheet(HTML) 11 Page - Rohm

Back Button RGT16BM65D Datasheet HTML 5Page - Rohm RGT16BM65D Datasheet HTML 6Page - Rohm RGT16BM65D Datasheet HTML 7Page - Rohm RGT16BM65D Datasheet HTML 8Page - Rohm RGT16BM65D Datasheet HTML 9Page - Rohm RGT16BM65D Datasheet HTML 10Page - Rohm RGT16BM65D Datasheet HTML 11Page - Rohm RGT16BM65D Datasheet HTML 12Page - Rohm RGT16BM65D Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Data Sheet
RGT16BM65D
lInductive Load Switching Circuit and Waveform
Fig.23 Inductive Load Circuit
Fig.24 Inductive Load Waveform
Fig.25 Diode Reverce Recovery Waveform
VG
D.U.T.
D.U.T.
I
F
di
F/dt
I
rr
t
rr , Qrr
t
r
t
off
10%
90%
t
f
t
d(on)
t
d(off)
Gate Drive Time
V
CE(sat)
10%
90%
t
on
V
GE
I
C
V
CE
E
on
10%
E
off
11/11
2016.01 - Rev.A


Similar Part No. - RGT16BM65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGT16NL65D ROHM-RGT16NL65D Datasheet
1Mb / 13P
   650V 8A Field Stop Trench IGBT
RGT16NS65D ROHM-RGT16NS65D Datasheet
846Kb / 12P
   650V 8A Field Stop Trench IGBT
RGT16TM65D ROHM-RGT16TM65D Datasheet
1Mb / 13P
   650V 8A Field Stop Trench IGBT
More results

Similar Description - RGT16BM65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGT16NL65D ROHM-RGT16NL65D Datasheet
1Mb / 13P
   650V 8A Field Stop Trench IGBT
RGT16TM65D ROHM-RGT16TM65D Datasheet
1Mb / 13P
   650V 8A Field Stop Trench IGBT
RGT16NS65D ROHM-RGT16NS65D Datasheet
846Kb / 12P
   650V 8A Field Stop Trench IGBT
RGT40TS65D ROHM-RGT40TS65D Datasheet
733Kb / 12P
   650V 20A Field Stop Trench IGBT
RGS00TS65D ROHM-RGS00TS65D Datasheet
976Kb / 13P
   650V 50A Field Stop Trench IGBT
RGTH60TS65 ROHM-RGTH60TS65 Datasheet
1Mb / 11P
   650V 30A Field Stop Trench IGBT
RGTV00TS65 ROHM-RGTV00TS65 Datasheet
1Mb / 11P
   650V 50A Field Stop Trench IGBT
RGT30NS65D ROHM-RGT30NS65D Datasheet
789Kb / 12P
   650V 15A Field Stop Trench IGBT
RGT40NS65D ROHM-RGT40NS65D Datasheet
845Kb / 12P
   650V 20A Field Stop Trench IGBT
RGTH60TK65D ROHM-RGTH60TK65D Datasheet
885Kb / 13P
   650V 30A Field Stop Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com