Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGS00TS65D Datasheet(PDF) 10 Page - Rohm

Part # RGS00TS65D
Description  650V 50A Field Stop Trench IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGS00TS65D Datasheet(HTML) 10 Page - Rohm

Back Button RGS00TS65D Datasheet HTML 5Page - Rohm RGS00TS65D Datasheet HTML 6Page - Rohm RGS00TS65D Datasheet HTML 7Page - Rohm RGS00TS65D Datasheet HTML 8Page - Rohm RGS00TS65D Datasheet HTML 9Page - Rohm RGS00TS65D Datasheet HTML 10Page - Rohm RGS00TS65D Datasheet HTML 11Page - Rohm RGS00TS65D Datasheet HTML 12Page - Rohm RGS00TS65D Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Data Sheet
RGS00TS65D
lElectrical Characteristic Curves
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
D= 0.5
0.2
0.1
0.01
0.02
0.05
Single Pulse
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
D= 0.5
0.2
0.1
0.01
0.02
0.05
Single Pulse
Fig.21 IGBT Transient Thermal Impedance
Pulse Width : t1[s]
Fig.22 Diode Transient Thermal Impedance
Pulse Width : t1[s]
t1
t2
P
DM
Duty=t1/t2
Peak T
j=PDM×ZthJC+TC
t1
t2
P
DM
Duty=t1/t2
Peak T
j=PDM×ZthJC+TC
C1
C2
C3
R1
R2
R3
4.727m 49.61m 75.08m 254.6m 191.9m 13.50m
C1
C2
C3
R1
R2
R3
1.266m 10.51m 49.06m 492.7m 364.8m 312.7m
10/11
2016.07 - Rev.A


Similar Part No. - RGS00TS65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGS00TS65EHR ROHM-RGS00TS65EHR Datasheet
982Kb / 12P
   650V 50A Field Stop Trench IGBT
2019.03 - Rev.A
RGS00TS65HR ROHM-RGS00TS65HR Datasheet
352Kb / 10P
   650V 50A Field Stop Trench IGBT
2019.02 - Rev.A
More results

Similar Description - RGS00TS65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGTH00TK65 ROHM-RGTH00TK65 Datasheet
750Kb / 11P
   650V 50A Field Stop Trench IGBT
RGTV00TK65 ROHM-RGTV00TK65 Datasheet
1Mb / 10P
   650V 50A Field Stop Trench IGBT
2017.10 - Rev.A
RGTV00TS65 ROHM-RGTV00TS65 Datasheet
1Mb / 11P
   650V 50A Field Stop Trench IGBT
logo
Shenzhen Huazhimei Semi...
HMG50N65T HMSEMI-HMG50N65T Datasheet
1Mb / 8P
   650V /50A Trench Field Stop IGBT
logo
Rohm
RGT00TS65D ROHM-RGT00TS65D Datasheet
733Kb / 12P
   650V 50A Field Stop Trench IGBT
RGTH00TS65D ROHM-RGTH00TS65D Datasheet
671Kb / 12P
   650V 50A Field Stop Trench IGBT
RGTH00TK65D ROHM-RGTH00TK65D Datasheet
893Kb / 13P
   650V 50A Field Stop Trench IGBT
RGTH00TS65 ROHM-RGTH00TS65 Datasheet
687Kb / 10P
   650V 50A Field Stop Trench IGBT
RGTV00TK65D ROHM-RGTV00TK65D Datasheet
1Mb / 12P
   650V 50A Field Stop Trench IGBT
2017.10 - Rev.A
RGW00TK65 ROHM-RGW00TK65 Datasheet
1Mb / 10P
   650V 50A Field Stop Trench IGBT
2017.10 - Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com