Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGS00TS65D Datasheet(PDF) 1 Page - Rohm

Part # RGS00TS65D
Description  650V 50A Field Stop Trench IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGS00TS65D Datasheet(HTML) 1 Page - Rohm

  RGS00TS65D Datasheet HTML 1Page - Rohm RGS00TS65D Datasheet HTML 2Page - Rohm RGS00TS65D Datasheet HTML 3Page - Rohm RGS00TS65D Datasheet HTML 4Page - Rohm RGS00TS65D Datasheet HTML 5Page - Rohm RGS00TS65D Datasheet HTML 6Page - Rohm RGS00TS65D Datasheet HTML 7Page - Rohm RGS00TS65D Datasheet HTML 8Page - Rohm RGS00TS65D Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Data Sheet
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
RGS00TS65D
650V 50A Field Stop Trench IGBT
*1 Pulse width limited by Tjmax.
lFeatures
lInner Circuit
lOutline
VCES
650V
TO-247N
IC(100°C)
50A
VCE(sat) (Typ.)
1.65V
PD
326W
1) Low Collector - Emitter Saturation Voltage
2) Short Circuit Withstand Time 8μs
3) Qualified to AEC-Q101
4) Built in Very Fast & Soft Recovery FRD
5) Pb - free Lead Plating ; RoHS Compliant
lPackaging Specifications
Type
Packaging
Tube
lApplications
Reel Size (mm)
-
General Inverter
Tape Width (mm)
-
for Automotive and Industrial Use
Basic Ordering Unit (pcs)
450
Packing Code
C11
Marking
RGS00TS65D
lAbsolute Maximum Ratings (at T
C = 25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Collector - Emitter Voltage
VCES
650
V
Gate - Emitter Voltage
VGES
30
V
Collector Current
TC = 25°C
IC
88
A
TC = 100°C
IC
50
A
Pulsed Collector Current
ICP
*1
150
A
Diode Forward Current
TC = 25°C
IF
56
A
TC = 100°C
IF
30
A
Diode Pulsed Forward Current
IFP
*1
150
A
Power Dissipation
TC = 25°C
PD
326
W
TC = 100°C
PD
163
W
Operating Junction Temperature
Tj
-40 to +175
°C
Storage Temperature
Tstg
-55 to +175
°C
(1) Gate
(2) Collector
(3) Emitter
*1
*1 Built in FRD
(1)
(2)
(3)
(1)(2)(3)
1/11
2016.07 - Rev.A


Similar Part No. - RGS00TS65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGS00TS65EHR ROHM-RGS00TS65EHR Datasheet
982Kb / 12P
   650V 50A Field Stop Trench IGBT
2019.03 - Rev.A
RGS00TS65HR ROHM-RGS00TS65HR Datasheet
352Kb / 10P
   650V 50A Field Stop Trench IGBT
2019.02 - Rev.A
More results

Similar Description - RGS00TS65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGTH00TK65 ROHM-RGTH00TK65 Datasheet
750Kb / 11P
   650V 50A Field Stop Trench IGBT
RGTV00TK65 ROHM-RGTV00TK65 Datasheet
1Mb / 10P
   650V 50A Field Stop Trench IGBT
2017.10 - Rev.A
RGTV00TS65 ROHM-RGTV00TS65 Datasheet
1Mb / 11P
   650V 50A Field Stop Trench IGBT
logo
Shenzhen Huazhimei Semi...
HMG50N65T HMSEMI-HMG50N65T Datasheet
1Mb / 8P
   650V /50A Trench Field Stop IGBT
logo
Rohm
RGT00TS65D ROHM-RGT00TS65D Datasheet
733Kb / 12P
   650V 50A Field Stop Trench IGBT
RGTH00TS65D ROHM-RGTH00TS65D Datasheet
671Kb / 12P
   650V 50A Field Stop Trench IGBT
RGTH00TK65D ROHM-RGTH00TK65D Datasheet
893Kb / 13P
   650V 50A Field Stop Trench IGBT
RGTH00TS65 ROHM-RGTH00TS65 Datasheet
687Kb / 10P
   650V 50A Field Stop Trench IGBT
RGTV00TK65D ROHM-RGTV00TK65D Datasheet
1Mb / 12P
   650V 50A Field Stop Trench IGBT
2017.10 - Rev.A
RGW00TK65 ROHM-RGW00TK65 Datasheet
1Mb / 10P
   650V 50A Field Stop Trench IGBT
2017.10 - Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com