Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGS00TS65D Datasheet(PDF) 3 Page - Rohm

Part # RGS00TS65D
Description  650V 50A Field Stop Trench IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGS00TS65D Datasheet(HTML) 3 Page - Rohm

  RGS00TS65D Datasheet HTML 1Page - Rohm RGS00TS65D Datasheet HTML 2Page - Rohm RGS00TS65D Datasheet HTML 3Page - Rohm RGS00TS65D Datasheet HTML 4Page - Rohm RGS00TS65D Datasheet HTML 5Page - Rohm RGS00TS65D Datasheet HTML 6Page - Rohm RGS00TS65D Datasheet HTML 7Page - Rohm RGS00TS65D Datasheet HTML 8Page - Rohm RGS00TS65D Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Data Sheet
RGS00TS65D
lIGBT Electrical Characteristics (at T
j = 25°C unless otherwise specified)
*2 Design assurance without measurement
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
pF
Output Capacitance
Coes
VGE = 0V
-
134
-
Reverse Transfer Capacitance
Cres
f = 1MHz
Input Capacitance
Cies
VCE = 30V
-
1568
-
-
23
-
Total Gate Charge
Qg
VCE = 300V
-
58
-
nC
Gate - Emitter Charge
Qge
IC = 50A
-
15
-
Gate - Collector Charge
Qgc
VGE = 15V
-
24
-
Turn - on Delay Time
td(on)
IC = 50A, VCC = 400V
-
36
-
ns
Rise Time
tr
VGE = 15V, RG = 10Ω
-
21
-
Turn - off Delay Time
td(off)
Tj = 25°C
IC = 50A, VCC = 400V
-
37
-
-
115
-
Fall Time
tf
Inductive Load
-
91
-
Turn - on Switching Loss
Eon
*Eon includes diode
-
1.46
-
Reverse Bias Safe Operating Area
RBSOA
IC = 150A, VCC = 520V
FULL SQUARE
-
VP = 650V, VGE = 15V
RG = 50Ω, Tj = 175°C
-
145
-
Fall Time
tf
Inductive Load
-
147
-
ns
Rise Time
tr
VGE = 15V, RG = 10Ω
-
33
-
Turn - off Delay Time
mJ
Turn - off Switching Loss
Eoff
reverse recovery
-
1.29
-
Turn - on Switching Loss
Eon
*Eon includes diode
-
1.97
-
mJ
Turn - off Switching Loss
Eoff
reverse recovery
-
1.85
-
td(off)
Tj = 175°C
Turn - on Delay Time
td(on)
μs
VCC ≦ 360V
μs
VGE = 15V, Tj = 150°C
Short Circuit Withstand Time
tsc
*2
6
-
-
VCC ≦ 360V
VGE = 15V, Tj = 25°C
Short Circuit Withstand Time
tsc
8
-
-
3/11
2016.07 - Rev.A


Similar Part No. - RGS00TS65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGS00TS65EHR ROHM-RGS00TS65EHR Datasheet
982Kb / 12P
650V 50A Field Stop Trench IGBT
2019.03 - Rev.A
RGS00TS65HR ROHM-RGS00TS65HR Datasheet
352Kb / 10P
650V 50A Field Stop Trench IGBT
2019.02 - Rev.A
More results

Similar Description - RGS00TS65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGT00TS65D ROHM-RGT00TS65D Datasheet
733Kb / 12P
650V 50A Field Stop Trench IGBT
RGTH00TS65 ROHM-RGTH00TS65 Datasheet
687Kb / 10P
650V 50A Field Stop Trench IGBT
RGTH00TS65D ROHM-RGTH00TS65D Datasheet
671Kb / 12P
650V 50A Field Stop Trench IGBT
RGTH00TK65 ROHM-RGTH00TK65 Datasheet
750Kb / 11P
650V 50A Field Stop Trench IGBT
RGTH00TK65D ROHM-RGTH00TK65D Datasheet
893Kb / 13P
650V 50A Field Stop Trench IGBT
RGTV00TS65 ROHM-RGTV00TS65 Datasheet
1Mb / 11P
650V 50A Field Stop Trench IGBT
logo
Shenzhen Huazhimei Semi...
HMG50N65T HMSEMI-HMG50N65T Datasheet
1Mb / 8P
650V /50A Trench Field Stop IGBT
logo
Rohm
RGTV00TK65 ROHM-RGTV00TK65 Datasheet
1Mb / 10P
650V 50A Field Stop Trench IGBT
2017.10 - Rev.A
RGTV00TK65D ROHM-RGTV00TK65D Datasheet
1Mb / 12P
650V 50A Field Stop Trench IGBT
2017.10 - Rev.A
RGW00TK65 ROHM-RGW00TK65 Datasheet
1Mb / 10P
650V 50A Field Stop Trench IGBT
2017.10 - Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com