Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGS00TS65D Datasheet(PDF) 2 Page - Rohm

Part # RGS00TS65D
Description  650V 50A Field Stop Trench IGBT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGS00TS65D Datasheet(HTML) 2 Page - Rohm

  RGS00TS65D Datasheet HTML 1Page - Rohm RGS00TS65D Datasheet HTML 2Page - Rohm RGS00TS65D Datasheet HTML 3Page - Rohm RGS00TS65D Datasheet HTML 4Page - Rohm RGS00TS65D Datasheet HTML 5Page - Rohm RGS00TS65D Datasheet HTML 6Page - Rohm RGS00TS65D Datasheet HTML 7Page - Rohm RGS00TS65D Datasheet HTML 8Page - Rohm RGS00TS65D Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Data Sheet
RGS00TS65D
lThermal Resistance
lIGBT Electrical Characteristics (at T
j = 25°C unless otherwise specified)
VCE = 650V, VGE = 0V
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
°C/W
°C/W
Thermal Resistance Diode Junction - Case
Rθ(j-c)
-
-
1.17
Thermal Resistance IGBT Junction - Case
Rθ(j-c)
-
-
0.46
-
-
Unit
Min.
Typ.
Max.
μA
mA
Parameter
Symbol
Conditions
Values
V
Collector Cut - off Current
ICES
Collector - Emitter Breakdown
Voltage
BVCES
IC = 10μA, VGE = 0V
650
-
-
Tj = 25°C
Tj = 175°C
10
5
-
-
Gate - Emitter Leakage Current
IGES
VGE = 30V, VCE = 0V
-
-
Gate - Emitter Threshold
Voltage
VGE(th)
VCE = 5V, IC = 2.5mA
5.0
6.0
Collector - Emitter Saturation
Voltage
VCE(sat)
IC = 50A, VGE = 15V
nA
7.0
V
V
Tj = 25°C
-
1.65
2.10
Tj = 175°C
-
2.15
-
±200
2/11
2016.07 - Rev.A


Similar Part No. - RGS00TS65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGS00TS65EHR ROHM-RGS00TS65EHR Datasheet
982Kb / 12P
650V 50A Field Stop Trench IGBT
2019.03 - Rev.A
RGS00TS65HR ROHM-RGS00TS65HR Datasheet
352Kb / 10P
650V 50A Field Stop Trench IGBT
2019.02 - Rev.A
More results

Similar Description - RGS00TS65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGT00TS65D ROHM-RGT00TS65D Datasheet
733Kb / 12P
650V 50A Field Stop Trench IGBT
RGTH00TS65 ROHM-RGTH00TS65 Datasheet
687Kb / 10P
650V 50A Field Stop Trench IGBT
RGTH00TS65D ROHM-RGTH00TS65D Datasheet
671Kb / 12P
650V 50A Field Stop Trench IGBT
RGTH00TK65 ROHM-RGTH00TK65 Datasheet
750Kb / 11P
650V 50A Field Stop Trench IGBT
RGTH00TK65D ROHM-RGTH00TK65D Datasheet
893Kb / 13P
650V 50A Field Stop Trench IGBT
RGTV00TS65 ROHM-RGTV00TS65 Datasheet
1Mb / 11P
650V 50A Field Stop Trench IGBT
logo
Shenzhen Huazhimei Semi...
HMG50N65T HMSEMI-HMG50N65T Datasheet
1Mb / 8P
650V /50A Trench Field Stop IGBT
logo
Rohm
RGTV00TK65 ROHM-RGTV00TK65 Datasheet
1Mb / 10P
650V 50A Field Stop Trench IGBT
2017.10 - Rev.A
RGTV00TK65D ROHM-RGTV00TK65D Datasheet
1Mb / 12P
650V 50A Field Stop Trench IGBT
2017.10 - Rev.A
RGW00TK65 ROHM-RGW00TK65 Datasheet
1Mb / 10P
650V 50A Field Stop Trench IGBT
2017.10 - Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com