Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1012 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SA1012
Description  TO-220-3L Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SA1012 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SA1012 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SA1012 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SA1012 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-0.1
-1
-10
10
100
1000
10000
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-0.1
-1
-10
-100
-1000
0
25
50
75
100
125
150
0
500
1000
1500
2000
2500
-1
-10
-100
-1000
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-10
-100
-1000
-10
-100
-1
-10
-100
-1000
10
100
1000
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-1.8
-2.0
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-100
-1000
1
10
100
1000
REVERSE VOLTAGE
V
(V)
C
ob
C
ib
f=1MHz
I
E=0/IC=0
T
a=25
V
CB
/ V
EB
C
ob
/ C
ib
——
-30
BASE-EMITTER VOLTAGE
V
BE
(V)
I
C
V
BE
COMMON EMITTER
V
CE=-1V
AMBIENT TEMPERATURE
T
a
( )
P
C
——
T
a
-5000
COLLECTOR CURRENT
I
C
(mA)
β=20
T
a=100
T
a=25
I
C
V
BEsat
——
-5000
-500
COLLECTOR CURRENT
I
C
(mA)
I
C
V
CEsat
——
T
a=100
T
a=25
β=20
-5000
COLLECTOR CURRENT
I
C
(mA)
-5000
COMMON EMITTER
V
CE=-1V
T
a=25
T
a=100
I
C
h
FE
——
-10mA
-9mA
-8mA
-7mA
-6mA
-5mA
-4mA
-3mA
-2mA
I
B=-1mA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
COMMON
EMITTER
T
a=25
Static Characteristic
-1500
-50
COLLECTOR CURRENT
I
C
(mA)
V
CE=-4V
T
a=25
I
C
——
f
T
——
Typical Characteristics
www.cj-elec.com
2
E,Nov,2014


Similar Part No. - 2SA1012

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SA1012 MOSPEC-2SA1012 Datasheet
116Kb / 3P
POWER TRANSISTORS(5A,50V,25W)
logo
Micro Commercial Compon...
2SA1012 MCC-2SA1012 Datasheet
314Kb / 2P
PNP Plastic-Encapsulate Transistor
logo
Toshiba Semiconductor
2SA1012 TOSHIBA-2SA1012 Datasheet
199Kb / 3P
TRANSISITOR (HIGH CURRENT SWITCHING APPLICATIONS)
logo
Galaxy Semi-Conductor H...
2SA1012 BILIN-2SA1012 Datasheet
140Kb / 4P
PNP Epitaxial Silicon Transistor
logo
Unisonic Technologies
2SA1012 UTC-2SA1012 Datasheet
111Kb / 4P
HIGH CURRENT SWITCHING APPLICATION
More results

Similar Description - 2SA1012

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
TIP127 DGNJDZ-TIP127 Datasheet
1Mb / 2P
TO-220-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB507 JIANGSU-2SB507 Datasheet
361Kb / 2P
TO-220-3L Plastic-Encapsulate Transistors
2SB861 JIANGSU-2SB861 Datasheet
1Mb / 3P
TO-220-3L Plastic-Encapsulate Transistors
2SB1185 JIANGSU-2SB1185 Datasheet
549Kb / 2P
TO-220-3L Plastic-Encapsulate Transistors
TIP42 JIANGSU-TIP42 Datasheet
1Mb / 3P
TO-220-3L Plastic-Encapsulate Transistors
2SD2137 JIANGSU-2SD2137 Datasheet
624Kb / 2P
TO-220 -3L Plastic-Encapsulate Transistors
2SD2137A JIANGSU-2SD2137A Datasheet
570Kb / 2P
TO-220-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC2073 DGNJDZ-2SC2073 Datasheet
1,013Kb / 3P
TO-220-3L Plastic-Encapsulate Transistors
2SD1762 DGNJDZ-2SD1762 Datasheet
1Mb / 4P
TO-220-3L Plastic-Encapsulate Transistors
2SB1185 DGNJDZ-2SB1185 Datasheet
1Mb / 3P
TO-220-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com