Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD2137A Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SD2137A
Description  TO-220-3L Plastic-Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SD2137A Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SD2137A Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD2137A Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cj-elec.com
2
B,Nov,2014
TO-220-3L Package Outline Dimensions
Min
Max
Min
Max
A
4.470
4.670
0.176
0.184
A1
2.520
2.820
0.099
0.111
b
0.710
0.910
0.028
0.036
b1
1.170
1.370
0.046
0.054
c
0.310
0.530
0.012
0.021
c1
1.170
1.370
0.046
0.054
D
10.010
10.310
0.394
0.406
E
8.500
8.900
0.335
0.350
E1
12.060
12.460
0.475
0.491
e
e1
4.980
5.180
0.196
0.204
F
2.590
2.890
0.102
0.114
h
0.000
0.300
0.000
0.012
L
13.400
13.800
0.528
0.543
L1
3.560
3.960
0.140
0.156
Φ
3.735
3.935
0.147
0.155
Symbol
Dimensions In Millimeters
Dimensions In Inches
0.100 TYP
2.540 TYP


Similar Part No. - 2SD2137A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2137A PANASONIC-2SD2137A Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
2SD2137A PANASONIC-2SD2137A Datasheet
54Kb / 3P
   Silicon NPN triple diffusion planar type(For power amplification)
logo
Inchange Semiconductor ...
2SD2137A ISC-2SD2137A Datasheet
323Kb / 2P
   isc Silicon NPN Power Transistor
logo
Nanjing International G...
2SD2137A DGNJDZ-2SD2137A Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
More results

Similar Description - 2SD2137A

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
TIP127 DGNJDZ-TIP127 Datasheet
1Mb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB507 JIANGSU-2SB507 Datasheet
361Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
2SB861 JIANGSU-2SB861 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SB1185 JIANGSU-2SB1185 Datasheet
549Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
2SA1012 JIANGSU-2SA1012 Datasheet
3Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
TIP42 JIANGSU-TIP42 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SD2137 JIANGSU-2SD2137 Datasheet
624Kb / 2P
   TO-220 -3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC2073 DGNJDZ-2SC2073 Datasheet
1,013Kb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SD1762 DGNJDZ-2SD1762 Datasheet
1Mb / 4P
   TO-220-3L Plastic-Encapsulate Transistors
2SB1185 DGNJDZ-2SB1185 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com