Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD2137A Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SD2137A
Description  TO-220-3L Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SD2137A Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SD2137A Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD2137A Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO-220-3L
1. BASE
2. COLLECTOR
3. EMITTER
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-220-3L Plastic-Encapsulate Transistors
2SD2137A
TRANSISTOR (NPN)
FEATURES
High DC Current Gain
Low Collector to Emitter Saturation Voltage VCE(sat)
Allowing Automatic Insertion with Radial Taping
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100µA,IE=0
80
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=30mA,IB=0
80
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100µA,IC=0
6
V
Collector cut-off current
ICBO
VCB=80V,IE=0
100
μA
Collector cut-off current
ICEO
VCE=60V,IB=0
100
μA
Emitter cut-off current
IEBO
VEB=6V,IC=0
100
μA
hFE(1)
VCE=4V, IC=1A
70
320
DC current gain
hFE(2)
VCE=4V, IC=3A
10
Collector-emitter saturation voltage
VCE(sat)
IC=3A,IB=0.375A
1.2
V
Base-emitter voltage
VBE
VCE=4V, IC=3A
1.8
V
Transition frequency
fT
VCE=5V,IC=0.2A, f=10MHz
30
MHz
CLASSIFICATION OF hFE(1)
RANK
Q
P
O
RANGE
70-150
120-250
160-320
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
80
V
VCEO
Collector-Emitter Voltage
80
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current
3
A
PC
Collector Power Dissipation
2
W
RθJA
Thermal Resistance From Junction To Ambient
63
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
www.cj-elec.com
1
B,Nov,2014


Similar Part No. - 2SD2137A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2137A PANASONIC-2SD2137A Datasheet
55Kb / 3P
Silicon PNP epitaxial planar type(For power amplification)
2SD2137A PANASONIC-2SD2137A Datasheet
54Kb / 3P
Silicon NPN triple diffusion planar type(For power amplification)
logo
Inchange Semiconductor ...
2SD2137A ISC-2SD2137A Datasheet
323Kb / 2P
isc Silicon NPN Power Transistor
logo
Nanjing International G...
2SD2137A DGNJDZ-2SD2137A Datasheet
1Mb / 3P
TO-220-3L Plastic-Encapsulate Transistors
More results

Similar Description - 2SD2137A

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
TIP127 DGNJDZ-TIP127 Datasheet
1Mb / 2P
TO-220-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB507 JIANGSU-2SB507 Datasheet
361Kb / 2P
TO-220-3L Plastic-Encapsulate Transistors
2SB861 JIANGSU-2SB861 Datasheet
1Mb / 3P
TO-220-3L Plastic-Encapsulate Transistors
2SB1185 JIANGSU-2SB1185 Datasheet
549Kb / 2P
TO-220-3L Plastic-Encapsulate Transistors
2SD2137 JIANGSU-2SD2137 Datasheet
624Kb / 2P
TO-220 -3L Plastic-Encapsulate Transistors
2SA1012 JIANGSU-2SA1012 Datasheet
3Mb / 3P
TO-220-3L Plastic-Encapsulate Transistors
TIP42 JIANGSU-TIP42 Datasheet
1Mb / 3P
TO-220-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SB1185 DGNJDZ-2SB1185 Datasheet
1Mb / 3P
TO-220-3L Plastic-Encapsulate Transistors
2SC2073 DGNJDZ-2SC2073 Datasheet
1,013Kb / 3P
TO-220-3L Plastic-Encapsulate Transistors
2SD1762 DGNJDZ-2SD1762 Datasheet
1Mb / 4P
TO-220-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com