Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8540 Datasheet(PDF) 15 Page - Seiko Instruments Inc

Part # S8540
Description  STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8540 Datasheet(HTML) 15 Page - Seiko Instruments Inc

Back Button S8540 Datasheet HTML 11Page - Seiko Instruments Inc S8540 Datasheet HTML 12Page - Seiko Instruments Inc S8540 Datasheet HTML 13Page - Seiko Instruments Inc S8540 Datasheet HTML 14Page - Seiko Instruments Inc S8540 Datasheet HTML 15Page - Seiko Instruments Inc S8540 Datasheet HTML 16Page - Seiko Instruments Inc S8540 Datasheet HTML 17Page - Seiko Instruments Inc S8540 Datasheet HTML 18Page - Seiko Instruments Inc S8540 Datasheet HTML 19Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.4.0_01
S-8540/8541 Series
15
2. Inductor
The inductance value (L) greatly affects the maximum output current (IOUT) and the efficiency (
η).
The peak current (IPK) increases by decreasing L and the stability of the circuit improves and IOUT
increases. If L is made even smaller, the efficiency falls causing a decline in the current drive capacity
for the switching transistor, and IOUT decreases.
The loss of IPK by the switching transistor decreases by increasing L and the efficiency becomes
maximum at a certain L value. Increasing L further decreases the efficiency due to the loss of coil DC
resistance. IOUT also decreases.
When the inductance is large in an S-8540/8541 series product, the output voltage may grow unstable
in some cases, depending on the conditions of the input voltage, output voltage, and the load current.
Perform sufficient evaluation under the actual condition and decide an optimum inductance.
The recommended inductances are 10
μH for A, B types and 22 μH for C, D types.
When choosing an inductor, attention to its allowable current should be paid since the current over the
allowable value will cause magnetic saturation in the inductor, leading to a marked decline in efficiency.
An inductor should therefore be selected so as not IPK to surpass its allowable current. The peak current
(IPK) is represented by the following equation in non-continuous operation mode:
IN
OSC
OUT
IN
OUT
OUT
PK
V
L
f
2
)
V
(V
V
I
I
×
×
×
×
+
=
Where fOSC is the oscillation frequency.
3. Diode
The diode to be externally coupled to the IC should be a type that meets the following conditions:
• The forward voltage is low (Schottky barrier diode recommended).
• The switching speed is high (50 ns max.).
• The reverse direction voltage is higher than VIN.
• The current rating is larger than IPK.
4. Capacitors
4. 1 Capacitors (CIN, COUT)
The capacitor inserted in the input side (CIN) serves to reduce the power impedance and to average
the input current for better efficiency. The CIN value should be selected according to the impedance of
the power supply. It should be 47 to 100
μF, although the actual value depends on the impedance of
the power source used and load current value.
For the output side capacitor (COUT), select a large capacitance with low ESR (Equivalent Series
Resistance) to smoothen the ripple voltage. When the input voltage is extremely high or the load
current is extremely large, the output voltage may become unstable. In this case the unstable area
will become narrow by selecting a large capacitance for an output side capacitor. A tantalum
electrolytic capacitor is recommended since the unstable area widens when a capacitor with a large
ESR, such as an aluminum electrolytic capacitor, or a capacitor with a small ESR, such as a ceramic
capacitor, is chosen. The range of the capacitance should generally be 47 to 100
μF.
4. 2 Internal power source stabilization capacitor (CVL)
The main circuits of the IC work on an internal power source connected to the CVREF pin. The CVL
is a bypass capacitor for stabilizing the internal Power source. CVL should be a 1
μF ceramic
capacitor and wired in a short distance and at a low impedance.


Similar Part No. - S8540

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8543 HAMAMATSU-S8543 Datasheet
123Kb / 2P
   One-dimensional PSD Long, narrow active area and surface mountable package
More results

Similar Description - S8540

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8355 ABLIC-S-8355 Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
logo
Seiko Instruments Inc
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com