Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8540 Datasheet(PDF) 24 Page - Seiko Instruments Inc

Part # S8540
Description  STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8540 Datasheet(HTML) 24 Page - Seiko Instruments Inc

Back Button S8540 Datasheet HTML 20Page - Seiko Instruments Inc S8540 Datasheet HTML 21Page - Seiko Instruments Inc S8540 Datasheet HTML 22Page - Seiko Instruments Inc S8540 Datasheet HTML 23Page - Seiko Instruments Inc S8540 Datasheet HTML 24Page - Seiko Instruments Inc S8540 Datasheet HTML 25Page - Seiko Instruments Inc S8540 Datasheet HTML 26Page - Seiko Instruments Inc S8540 Datasheet HTML 27Page - Seiko Instruments Inc S8540 Datasheet HTML 28Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540/8541 Series
Rev.4.0_01
24
2. Transient Response Characteristics
2. 1 Power-on (IOUT: no Load)
(1) S-8540A33FN (VIN: 0
→ 4.95 V)
(2) S-8540A33FN (VIN: 0
→ 10 V)
10 V
0 V
3 V
0 V
VIN
(2.5 V/div)
VOUT
(1 V/div)
t (2 ms/div)
10 V
0 V
3 V
0 V
VIN
(2.5 V/div)
VOUT
(1 V/div)
t (1 ms/div)
(3) S-8540C33FN (VIN: 0
→ 4.95 V)
(4) S-8540C33FN (VIN: 0
→ 10 V)
10 V
0 V
3 V
0 V
VIN
(2.5 V/div)
VOUT
(1 V/div)
t (2 ms/div)
10 V
0 V
3 V
0 V
VIN
(2.5 V/div)
VOUT
(1 V/div)
t (1 ms/div)
(5) S-8540A18FN (VIN: 0
→ 2.7 V)
(6) S-8540A18FN (VIN: 0
→ 10 V)
10 V
0 V
2 V
0 V
VIN
(2.5 V/div)
VOUT
(0.5 V/div)
t (4 ms/div)
10 V
0 V
2 V
0 V
VIN
(2.5 V/div)
VOUT
(0.5 V/div)
t (1 ms/div)


Similar Part No. - S8540

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8543 HAMAMATSU-S8543 Datasheet
123Kb / 2P
One-dimensional PSD Long, narrow active area and surface mountable package
More results

Similar Description - S8540

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8540 SII-S-8540 Datasheet
445Kb / 36P
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
S8355 SII-S8355 Datasheet
3Mb / 72P
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8520 SII-S8520 Datasheet
2Mb / 44P
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
S-8355 ABLIC-S-8355 Datasheet
853Kb / 72P
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com