Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8PM-11-0004-02-131 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part # 8PM-11-0004-02-131
Description  SPRING-LOADED CONNECTORS & PAD CONNECTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

8PM-11-0004-02-131 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  8PM-11-0004-02-131 Datasheet HTML 1Page - Precid-Dip Durtal SA 8PM-11-0004-02-131 Datasheet HTML 2Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPRING-LOADED CONNECTORS & PAD CONNECTORS
SERIES
8PM
8PM-11-00NN-02-131
Single Row
2.54 mm, Surface mount parallel
Connectors with spring-loaded contacts (SLC), surface
mount.
TECHNICAL SPECS.:
Flammability
UL 94V-O
Piston and barrel
Brass CuZn36Pb3 (C36000)
Spring
Music wire DIN 17223, gold plated
Max. stroke
1.5 mm
Forces initial
0.2 N
Forces initial at 1/2 stroke
0.9 N
Mechanical life
50'000 cycles
Max. operating current
3 A
Contact resistance
10 m (static measurement, halfway position)
Coplanarity SMD terminations
Max. 0.1 mm (measured on 25 mm long connectors)
ORDERING INFORMATION:
PP Plating code
Barrel
Piston
11
Gold 0.25 µm
Gold 0.25 µm
NN number of poles. Replace NN with the requested number of poles, e.g. 8PM-11-00NN-02-131 with 5 pins
becomes 8PM-11-0005-02-131.
PRECI-DIP SA
Rue Saint-Henri 11
P.P.Box 834
CH-2800 Delémont / Switzerland
PHONE
+41 (0)32 421 04 00
FAX
+41 (0)32 421 04 01
E-MAIL
sales@precidip.com
www.precidip.com


Similar Part No. - 8PM-11-0004-02-131

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
8PM-11-0002-02-131 PREDIP-8PM-11-0002-02-131 Datasheet
18Kb / 2P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
More results

Similar Description - 8PM-11-0004-02-131

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
811-SS-007-30-001101 PREDIP-811-SS-007-30-001101 Datasheet
20Kb / 3P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
802-10-016-30-507101 PREDIP-802-10-016-30-507101 Datasheet
19Kb / 2P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
8MM-11-0009-02-131 PREDIP-8MM-11-0009-02-131 Datasheet
18Kb / 2P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
802-10-018-30-507101 PREDIP-802-10-018-30-507101 Datasheet
19Kb / 2P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
811-SS-008-30-006101 PREDIP-811-SS-008-30-006101 Datasheet
20Kb / 3P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
8MM-11-0002-02-131 PREDIP-8MM-11-0002-02-131 Datasheet
18Kb / 2P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
8MM-11-0005-02-131 PREDIP-8MM-11-0005-02-131 Datasheet
18Kb / 2P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
8PM-11-0002-02-131 PREDIP-8PM-11-0002-02-131 Datasheet
18Kb / 2P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
811-S1-006-30-017101 PREDIP-811-S1-006-30-017101 Datasheet
18Kb / 2P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
813-S1-010-30-016101 PREDIP-813-S1-010-30-016101 Datasheet
19Kb / 2P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com