Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8MM-11-0002-02-131 Datasheet(PDF) 2 Page - Precid-Dip Durtal SA

Part # 8MM-11-0002-02-131
Description  SPRING-LOADED CONNECTORS & PAD CONNECTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

8MM-11-0002-02-131 Datasheet(HTML) 2 Page - Precid-Dip Durtal SA

  8MM-11-0002-02-131 Datasheet HTML 1Page - Precid-Dip Durtal SA 8MM-11-0002-02-131 Datasheet HTML 2Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL ASSISTANCE
GENERAL SPECIFICATIONS:
The values listed below are general specs applying for PRECI-DIP spring-loaded connectors. Please see individual catalog page
for additional and product specific technical data.
Operating temperature range
-55 ... +125 °C
Climatic category (IEC)
55/85/21
Operating humidity range
annual mean 75 %
Max working voltage
100 VRMS/150 VDC (2.54 mm grid)
PRECI-DIP products are recognized by Underwriters Laboratories Inc. and listed under "Connectors for Use in Data, Signal,
Control and Power Applications", File Nr. E174442.
ELECTRICAL CHARACTERISTICS:
Insulation resistance between any two adjacent contacts
Min. 10'000 M at 500 V AC
Capacitance between any two adjacent contacts
Max. 1 pF
ENVIRONMENTAL CHARACTERISTICS:
The sockets withstand the following environmental tests without mechanical and electrical defects:
- Dry heat steady state IEC 60512-11-9.11i / 60068-2-2.Bb: 125 °C, 16h
- Damp heat cyclic IEC 60512-11-12.11m / 60068-2-30.Db: 25/55 °C, 90 – 100 %rH, 1 cycle of 24 h
- Cold steady state IEC 60512-11-10.11j / 60068-2-1.A: -55 °C, 2 h
- Thermal shock IEC 60512-11-4.11d / 60068-2-14.Na: -55/125 °C, 5 cycles 30 min
- Sinusoidal vibrations IEC 60512-6-4.6d / 60068-2-6.Fc: 10 to 500 Hz, 10 g, 1 octave/min, 10 cycles for each axis
- Shock IEC 60512-6-3.6c / 60068-2-27.Ea: 50 g, 11 ms, 3 shocks in three axis
During the above two tests no contact interruption >50 ns does appear.
- Solderability J-STD-002A, Test A, 245°C, 5 s solder alloy SnAg3.8Cu0.7
- Resistance to soldering heat J-STD-0020C, 260°C, 20 s
- Moisture sensitivity J-STD-020C level 1
- Resistance to corrosion :
1) Salt spray test IEC 60068-2-11.Ka: 48 h
2) Sulfur dioxide (SO2) test IEC 60068-2-42 Kc: 96 h at 25 ppm SO2, 25 °C, 75 %rH
3) Hydrogen sulfide (H2S) test IEC 60068-2-43 Kd: 96 h at 12 ppm H2S, 25 °C, 75 %rH
PACKAGING:
Standard connector packaging is card box.
SMD mount connectors available on request with Tape & Reel packaging acc. to EIA Standard 481.
PRECI-DIP SA
Rue Saint-Henri 11
P.P.Box 834
CH-2800 Delémont / Switzerland
PHONE
+41 (0)32 421 04 00
FAX
+41 (0)32 421 04 01
E-MAIL
sales@precidip.com
www.precidip.com


Similar Part No. - 8MM-11-0002-02-131

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
8MM-11-0005-02-131 PREDIP-8MM-11-0005-02-131 Datasheet
18Kb / 2P
SPRING-LOADED CONNECTORS & PAD CONNECTORS
8MM-11-0009-02-131 PREDIP-8MM-11-0009-02-131 Datasheet
18Kb / 2P
SPRING-LOADED CONNECTORS & PAD CONNECTORS
More results

Similar Description - 8MM-11-0002-02-131

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
811-SS-007-30-001101 PREDIP-811-SS-007-30-001101 Datasheet
20Kb / 3P
SPRING-LOADED CONNECTORS & PAD CONNECTORS
802-10-016-30-507101 PREDIP-802-10-016-30-507101 Datasheet
19Kb / 2P
SPRING-LOADED CONNECTORS & PAD CONNECTORS
8MM-11-0009-02-131 PREDIP-8MM-11-0009-02-131 Datasheet
18Kb / 2P
SPRING-LOADED CONNECTORS & PAD CONNECTORS
802-10-018-30-507101 PREDIP-802-10-018-30-507101 Datasheet
19Kb / 2P
SPRING-LOADED CONNECTORS & PAD CONNECTORS
811-SS-008-30-006101 PREDIP-811-SS-008-30-006101 Datasheet
20Kb / 3P
SPRING-LOADED CONNECTORS & PAD CONNECTORS
8MM-11-0005-02-131 PREDIP-8MM-11-0005-02-131 Datasheet
18Kb / 2P
SPRING-LOADED CONNECTORS & PAD CONNECTORS
8PM-11-0002-02-131 PREDIP-8PM-11-0002-02-131 Datasheet
18Kb / 2P
SPRING-LOADED CONNECTORS & PAD CONNECTORS
811-S1-006-30-017101 PREDIP-811-S1-006-30-017101 Datasheet
18Kb / 2P
SPRING-LOADED CONNECTORS & PAD CONNECTORS
813-S1-010-30-016101 PREDIP-813-S1-010-30-016101 Datasheet
19Kb / 2P
SPRING-LOADED CONNECTORS & PAD CONNECTORS
8PM-11-0004-02-131 PREDIP-8PM-11-0004-02-131 Datasheet
18Kb / 2P
SPRING-LOADED CONNECTORS & PAD CONNECTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com